Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8261J80HA3PE223 Datasheet(PDF) 8 Page - ITT Industries

Part # 8261J80HA3PE223
Description  Alternate Action and Momentary Pushbutton Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8261J80HA3PE223 Datasheet(HTML) 8 Page - ITT Industries

Back Button 8261J80HA3PE223 Datasheet HTML 2Page - ITT Industries 8261J80HA3PE223 Datasheet HTML 3Page - ITT Industries 8261J80HA3PE223 Datasheet HTML 4Page - ITT Industries 8261J80HA3PE223 Datasheet HTML 5Page - ITT Industries 8261J80HA3PE223 Datasheet HTML 6Page - ITT Industries 8261J80HA3PE223 Datasheet HTML 7Page - ITT Industries 8261J80HA3PE223 Datasheet HTML 8Page - ITT Industries 8261J80HA3PE223 Datasheet HTML 9Page - ITT Industries 8261J80HA3PE223 Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
A–57
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8060 Series
Alternate Action and Momentary Pushbutton Switches
CONTACT MATERIAL
SNAP-IN
PC MOUNTING
PC MOUNTING
V31
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V3, V4
VERTICAL MOUNT, V-BRACKET
V31
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V3, V4
VERTICAL MOUNT, V-BRACKET
Not available with I seal.
Not available with I seal.
8161SH9__BE2
SPDT
8261SH9__BE2
DPDT
V3, V31
.460 (11,68)
V4
.630 (16,00)
DIM ‘A’
OPTION
CODE
V3, V31
.460 (11,68)
V4
.630 (16,00)
DIM ‘A’
OPTION
CODE
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
7 TERMINALS: Copper alloy, with matte-tin over nickel plate.
NOTE: Any models supplied with P, S, R,Q, B or G contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
All models
with all options when ordered with S, R, G, L, M or Q
contact material.
B contact material standard with all terminations except C, Z & Z3.
Q contact material standard with C, Z & Z3 terminations.
P, S, R, K, L & M contact materials not available
with Z & Z3 terminations.
A
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
SILVER 5
TIN-LEAD 6
MATTE-TIN 7
GOLD 1
SILVER 4,5
GOLD OVER
SILVER 2,3
GOLD 3
TIN-LEAD 6
MATTE-TIN 7
GOLD 1
TIN-LEAD 6
MATTE-TIN 7
LOW LEVEL/DRY CIRCUIT
POWER
LOW LEVEL/DRY CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
6 AMPS @ 120 V AC OR 28 V DC;
3 AMPS @ 250 V AC.
0.4 VA MAX @ 20 V AC OR DC MAX. OR
6 AMPS @ 120 V AC OR 28 V DC;
3 AMPS @ 250 V AC.
B
K
P
Q
M
S
G
L
R
TERMINATIONS
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
NO
YES
YES
NO
YES
YES
NO
YES


Similar Part No. - 8261J80HA3PE223

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8261 FILTRAN-8261 Datasheet
172Kb / 1P
   LAN 10/100 Base-T Single Port Transformer Module
logo
Mallory performance clu...
8261 MALLORY-8261 Datasheet
289Kb / 4P
   MSD HVC-2 Coil
logo
API Technologies Corp
8261 APITECH-8261 Datasheet
589Kb / 1P
   10/100 BASE-T Single Port Transformer Module
logo
Belden Inc.
8261 BELDEN-8261 Datasheet
145Kb / 2P
   Analog Video, RG11, #18 Str TC, 95% BC Braid, PVC Jacket, CXC
04-25-2023
8261-0101000 BELDEN-8261-0101000 Datasheet
145Kb / 2P
   Analog Video, RG11, #18 Str TC, 95% BC Braid, PVC Jacket, CXC
04-25-2023
More results

Similar Description - 8261J80HA3PE223

ManufacturerPart #DatasheetDescription
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
2022
logo
ITT Industries
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
logo
List of Unclassifed Man...
7199K102 ETC2-7199K102 Datasheet
169Kb / 1P
   General Purpose Alternate and Momentary Pushbutton Switches - Ac/Dc Rated
PS1-100Q ETC2-PS1-100Q Datasheet
720Kb / 11P
   Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
PB-12331ZQ ETC2-PB-12331ZQ Datasheet
200Kb / 4P
   Standard Ordering Table . Pushbutton Switches . Panelmount Maintained and Momentary Action (SPDT)
PB-12333ZG ETC2-PB-12333ZG Datasheet
201Kb / 3P
   Standard Ordering Table ??Pushbutton Switches ??Panelmount Maintained and Momentary Action (SPDT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com