Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8325J80HABE3 Datasheet(PDF) 3 Page - ITT Industries

Part # 8325J80HABE3
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8325J80HABE3 Datasheet(HTML) 3 Page - ITT Industries

  8325J80HABE3 Datasheet HTML 1Page - ITT Industries 8325J80HABE3 Datasheet HTML 2Page - ITT Industries 8325J80HABE3 Datasheet HTML 3Page - ITT Industries 8325J80HABE3 Datasheet HTML 4Page - ITT Industries 8325J80HABE3 Datasheet HTML 5Page - ITT Industries 8325J80HABE3 Datasheet HTML 6Page - ITT Industries 8325J80HABE3 Datasheet HTML 7Page - ITT Industries 8325J80HABE3 Datasheet HTML 8Page - ITT Industries 8325J80HABE3 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
A–29
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
SWITCH FUNCTION
ACTUATOR—SNAP-IN FRONT MOUNT
**
PANEL MOUNTING
**
PANEL MOUNTING
4PDT
1-2,4-5,7-8,10-11
1-3,4-6,7-9,10-12
MOM.
MOM.
ON
ON
U841
8421
8425
4P
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
UL/CSA*
MODEL
NO.
MODEL NO.
NO.
POLES
4PDT
Terminal Nos.
For Reference Only
Part number shown: 8421SHZGE
MOM. = Momentary
* U811 thru U841 model numbers
with all options (except R, R2 terminations)
when ordered with G, L or R contact material.
Other colors available, consult Customer
Service Center. Cap and Frame Finish: matte.
NOTE: Caps and frames available separately,
see pages A-42 and A-43.
NOTE: No frame color choice required.
** Increase this dim. to .620/.625 (15,75/15,88) for .091/.125 (2,31/3,18) thk. panels.
NOTE: Available with C, W-W4, Z or Z3 terminations and SPDT and DPDT models only.
** Increase this dim. to .620/.625 (15,75/15,88) for .091/.125 (2,31/3,18) thk. panels.
8X25 models must be ordered with B, K or P contact material.
8X21 and U8X1 models must be ordered with G, L or K contact material.
C&K marking on
opposite side
C&K marking on
opposite side
2
BLACK
NONE
No Frame Color (J80 option)
1
WHITE
3
RED
4
ORANGE
5
YELLOW
6
GREEN
7
BLUE
9
GRAY
CAP AND FRAME COLOR
OPTION
CODE
J80 SNAP-IN
J81 SNAP-IN WITH FRAME
ACTUATOR OR PLUNGER
CAP COLOR
FRAME COLOR
A


Similar Part No. - 8325J80HABE3

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8325 FILTRAN-8325 Datasheet
141Kb / 1P
   RJ-45/USB 10/100 BASE-T Module with Dual USB
logo
List of Unclassifed Man...
8325 ETC2-8325 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8325 ETC2-8325 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8325 ETC2-8325 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
8325 ETC2-8325 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
More results

Similar Description - 8325J80HABE3

ManufacturerPart #DatasheetDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com