Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX16PCI952 Datasheet(PDF) 1 Page - Oxford Semiconductor

Part # OX16PCI952
Description  Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OX16PCI952 Datasheet(HTML) 1 Page - Oxford Semiconductor

  OX16PCI952 Datasheet HTML 1Page - Oxford Semiconductor OX16PCI952 Datasheet HTML 2Page - Oxford Semiconductor OX16PCI952 Datasheet HTML 3Page - Oxford Semiconductor OX16PCI952 Datasheet HTML 4Page - Oxford Semiconductor OX16PCI952 Datasheet HTML 5Page - Oxford Semiconductor OX16PCI952 Datasheet HTML 6Page - Oxford Semiconductor OX16PCI952 Datasheet HTML 7Page - Oxford Semiconductor OX16PCI952 Datasheet HTML 8Page - Oxford Semiconductor OX16PCI952 Datasheet HTML 9Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Oxford Semiconductor Ltd.
25 Milton Park, Abingdon, Oxon, OX14 4SH, UK
Tel: +44 (0)1235 824900
Fax: +44(0)1235 821141
©
© Oxford Semiconductor 2001
OX16PCI952 Datasheet rev 1.1 – June 2001
Part No. OX16PCI952-TQFP-A
FEATURES
Two 16C950 High performance UART channels
IEEE1284 Compliant SPP/EPP/ECP parallel port
Multi-function target PCI controller. Fully compliant to
PCI bus specification 2.2 and PCI Power Management
1.0.
Function access to pre-configure each UART and the
parallel port, prior to handover to generic device
drivers.
UARTs fully software compatible with 16C550-type
devices.
Baud rates up to 15Mbps in asynchronous mode and
60Mbps in external 1x clock mode
128-byte deep FIFO per transmitter and receiver
Flexible clock prescaler from 1 to 31.875
Automated in-band flow control using programmable
Xon/Xoff in both directions
Automated out-of-band flow control using CTS#/RTS#
and/or DSR#/DTR#
Arbitrary trigger levels for receiver and transmitter
FIFO interrupts and automatic in-band and out-of-
band flow control
Infra-red (IrDA) receiver and transmitter operation
5, 6, 7, 8 and 9-bits data framing
Global Interrupt Status and readable FIFO levels to
facilitate implementation of efficient device drivers
Detection of bad data in the receiver FIFO
2 multi-purpose IO pins which can be configured as
interrupt inputs or ‘wake-up’ pins (via local registers).
Auto-detection of a range of optional MicrowireTM
compatible EEPROMs, to reconfigure device.
Operation via IO or memory mapping.
5.0V operation
128 pin TQFP package
DESCRIPTION
The OX16PCI952 is a single chip solution for PCI-based
serial and parallel expansion add-in cards. It is a dual
function device, offering IO or memory mapped access to
the two ultra-high performance OX16C950 UARTs and the
bi-directional parallel port. These functions are defined by
Function 0 and Function 1, respectively. Serial port cards
with 2 serial ports and a parallel port can be designed
without redefining any device parameters.
Each UART channel in the OX16PCI952, is the fastest
available PC-compatible UART, offering data rates up to
15Mbps and 128-byte deep transmitter and receiver FIFOs.
The deep FIFOs reduce CPU overhead and allow
utilisation of higher data rates. Each UART channel is
software compatible with the widely used industry-standard
16C550 devices and compatibles, as well as the
OX16C95x family of high performance UARTs. In addition
to increased performance and FIFO size, the UARTs also
provide the full set of OX16C95x enhanced features
including automated in-band flow control, readable FIFO
levels, etc.
The parallel port is an IEEE 1284 compliant SPP, EPP and
ECP parallel port that fully supports the existing Centronics
interface. For legacy applications, the PCI resources have
been arranged so that the parallel port can be located at
standard I/O addresses
A set of local registers is available to enhance device driver
efficiency and reduce interrupt latency. Each internal UART
has features such as shadowed FIFO fill levels, an interrupt
source register and Good-Data Status, readable in
consecutive DWORD registers and is visible to logical
function0 in both IO space and memory space. The local
registers also provide additional controls for each UART
and the parallel port, to customise the device for the end-
users application.
The efficient 32-bit, 33MHz target-only interface is
compliant with the PCI bus specification version 2.2 and
version 1.0 of PCI Power Management Specification.
For full flexibility, all the default configuration register
values can be overwritten using an optional MicrowireTM
compatible serial EEPROM.
This EEPROM can also be used to provide function access
to pre-configure each UART into enhanced modes or pre-
configure the parallel port, prior to any PCI configuration
accesses and before control is handed to generic device
drivers.
MicrowireTM is a trade mark of National Semiconductor.
OX16PCI952 DATA SHEET
Integrated High Performance Dual UARTs,
Parallel Port and 5.0v PCI interface
DS_B008A_00


Similar Part No. - OX16PCI952

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OX16PCI952 ETC-OX16PCI952 Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
logo
Oxford Semiconductor
OX16PCI952 OXFORD-OX16PCI952 Datasheet
539Kb / 77P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
OX16PCI952-TQAG OXFORD-OX16PCI952-TQAG Datasheet
539Kb / 77P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
OX16PCI952-TQC60-A OXFORD-OX16PCI952-TQC60-A Datasheet
539Kb / 77P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
logo
List of Unclassifed Man...
OX16PCI952-TQFP-A ETC-OX16PCI952-TQFP-A Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
More results

Similar Description - OX16PCI952

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OX16PCI952 OXFORD-OX16PCI952_05 Datasheet
539Kb / 77P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
logo
List of Unclassifed Man...
OX16PCI952 ETC-OX16PCI952 Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
logo
Oxford Semiconductor
OXMPCI952 OXFORD-OXMPCI952 Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
OXMPCI954 OXFORD-OXMPCI954 Datasheet
770Kb / 121P
   Integrated High Performance Quad UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
logo
List of Unclassifed Man...
OX12PCI840 ETC-OX12PCI840 Datasheet
541Kb / 32P
   Integrated Parallel Port and PCI interface
logo
Oxford Semiconductor
OX12PCI840 OXFORD-OX12PCI840 Datasheet
280Kb / 33P
   Integrated Parallel Port and PCI interface
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
National Semiconductor ...
PC87322VF NSC-PC87322VF Datasheet
1,022Kb / 84P
   Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
   Integrated High Performance UART Cardbus / PCI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com