Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN761685 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN761685
Description  TV TUNER IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761685 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN761685 Datasheet HTML 5Page - Texas Instruments SN761685 Datasheet HTML 6Page - Texas Instruments SN761685 Datasheet HTML 7Page - Texas Instruments SN761685 Datasheet HTML 8Page - Texas Instruments SN761685 Datasheet HTML 9Page - Texas Instruments SN761685 Datasheet HTML 10Page - Texas Instruments SN761685 Datasheet HTML 11Page - Texas Instruments SN761685 Datasheet HTML 12Page - Texas Instruments SN761685 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.ti.com
Test Circuits
50
SG
DUT
VLO IN
IFOUT1
IFOUT2
Vout diff
50
50
50
Spectrum
Analyzer
2.2 nF
2.2 nF
2.2 nF
GC = 20log(Vout diff / VIN) = 20log(VOUT / VIN) + 6
VIN
VOUT
SG
DUT
IFOUT1
IFOUT2
50
50
50
Spectrum
Analyzer
2.2 nF
2.2 nF
2.2 nF
GC = 20log(Vout / VIN)
Input: No Matching
VIN
VOUT
VHI IN1
(UHF IN1)
VHI IN2
(UHF IN2)
2.2 nF
50
V
Noise
Source
DUT
IFOUT1
IFOUT2
2.2 nF
2.2 nF
2.2 nF
NF Meter
50
VLO IN
Noise
Source
DUT
IFOUT1
IFOUT2
50
2.2 nF
2.2 nF
2.2 nF
VHI IN1
(UHF IN1)
VHI IN2
(UHF IN2)
2.2 nF
NF Meter
SN761685
TV TUNER IC
SLES175 – APRIL 2006
Figure 12. VHF-L Conversion Gain-Measurement Circuit
Figure 13. VHF-H, UHF-Conversion Gain-Measurement Circuit
Figure 14. VHF-L Noise-Figure Measurement Circuit
Figure 15. VHF-H, UHF Noise-Figure Measurement Circuit
9
Submit Documentation Feedback


Similar Part No. - SN761685

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761685 TI1-SN761685 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761685PW TI1-SN761685PW Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761685PWR TI1-SN761685PWR Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
More results

Similar Description - SN761685

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com