Electronic Components Datasheet Search |
|
9201KH3AV2QE Datasheet(PDF) 3 Page - ITT Industries |
|
9201KH3AV2QE Datasheet(HTML) 3 Page - ITT Industries |
3 / 6 page G–50 G C&K 9000 Series Power Toggle Switches ACTUATOR BUSHING 15/32-32 UNS-2A 1/4-40 UNS-2A 1/4-40 UNS-2A Locking Positions 2 Position Lock 1/4-40 UNS-2A 1/4-40 UNS-2A K LOCKING LEVER, .650" HIGH, THREADED H3 .296" HIGH, THREADED, KEYWAY H .296" HIGH, THREADED, FLAT CW SPLASHPROOF, 15/32 BUSHING L40 LEVER HANDLE WITHOUT CAP L43 PLASTIC LEVER HANDLE WITH ANTIROTATION AND CAP, P/N 4812 K1 LOCKING LEVER, .680" HIGH, THREADED NOTE: To prevent accidental actuation, toggles must be lifted before being actuated. When released, toggles again lock in place. Bushing option code not required. Overtightening mounting nut may cause actuator to bind. NOTE: Lever handle actuator L43 supplied, but not installed. For interchangeability, order L40 actuator option and order lever handles separately, see page G-53. Antirotation is standard on all actuators, provides ‘anti-push-in’ feature. Internal actuator seal standard. External bushing seal washer available separately, order from: Multi-Flex Seals, Inc., Hackensack, NJ. Part number: MFS-60064. NOTE: Two mounting nuts, locking ring and lockwasher supplied standard with threaded bushings. Black hardware is supplied when either black bushings or actuators are specified. Optional mounting nut and locking ring styles and finishes available, see Section O. Will withstand 12 in./lbs. of torque with no distortion. For T & T1 actuators only. Finish: Matte Other colors available, consult Customer Service Center. No color choice required. 2 BLACK NONE No Actuator Color (L40 option) ACTUATOR CAP COLOR OPTION CODE NONE NICKEL 2 BLACK BUSHING FINISH OPTION CODE . NONE NATURAL ALUMINUM–With Nickle Plated Bushing 2 BLACK ANODIZED ALUMINUM ACTUATOR CAP FINISH OPTION CODE BUSHING FINISH BUSHING ACTUATOR FINISH ACTUATOR Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com |
Similar Part No. - 9201KH3AV2QE |
|
Similar Description - 9201KH3AV2QE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |