Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4W-25 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 4W-25
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4W-25 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 4W-25 Datasheet HTML 28Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 29Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 30Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 31Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 32Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 33Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 34Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 35Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
Features
METAL OXIDE VARISTOR
ZENAMIC
ZENAMIC is the product name of a metal
oxide varistor.
ZENAMIC Transient / Surge Absorber, Series
D is newly released through our continued
research in ceramic material composition of
ZnO varistor and manufacturing process,
featuring large surge current handling
capability and energy handling capability
for absorbing transient overvoltage in
compact size.
Improved in "Surge Current Handling
Capability (@8 / 20 s, 2 times)" by about 2
times over the current.
Very large "Energy Handling Capability"
absorbing transient overvoltages in
compact sizes.
Lower Clamping Voltage for better surge
protection.
Fast response to high speed transient /
surge voltage.
Wide products range for transient / surge
protection on AC 100V to AC 480V
nominal system with the maximum peak
current ratings of 600A to 7000A (@8 / 20
s, 2 times).


Similar Part No. - 4W-25

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
4W-B SYSTEMSENSOR-4W-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
More results

Similar Description - 4W-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com