Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4W-25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. 4W-25
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 3 page
background image
3
THERMISTOR
POWER THERMISTOR
VRD (TRANSIENT VOLTAGE SUPPRESSOR)
CRD (CURRENT REGULATIVE DIODE)
ZENAMIC (METAL OXIDE VARISTOR)
GAS TUBE ARRESTER
6
21
26
30
32
40
HIGH PRECISION SERIES
SMD SERIES
HIGH HEAT-RESISTANCE SERIES
DISK SERIES
SENSORS
NON-CONTACT SENSOR
4
THERMOPILE
NC SENSOR
D-TYPE SERIES
MARK
SERIES
D2-TYPE SERIES
SMD SERIES
LEAD TYPE SERIES
LEAD TYPE SERIES
MELF TYPE SERIES
LEAD TYPE SERIES
M TYPE SERIES
SURGE ABSORBER UNIT SERIES
CERAMIC TUBE SERIES
GLASS TUBE SERIES
SA-01 SERIES




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TP337Thermopile Infrared Sensor 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TS-1AMBTHERMOPILE INFRARED SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
GL560Low Peak Forward Voltage Type Φ 5 Resin Mold Package Infrared Emitting Diodes 1 2 3 Sharp Electrionic Components
LZ2346Twopower supply +5 V and +12 V operation CCIR 1/3 type B/W CCD Area Sensor for CCIR 1 2 3 4 5 MoreSharp Electrionic Components
ICX038DNBDiagonal 8mm Type 1/2 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX058CKDiagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Camera 1 2 3 4 5 MoreSony Corporation
ICX074ALDiagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX086AKBDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX206AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX226AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl