Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4W-25 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 4W-25
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4W-25 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 4W-25 Datasheet HTML 10Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 11Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 12Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 13Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 14Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 15Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 16Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 17Page - List of Unclassifed Manufacturers 4W-25 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
14
SMD type chip
Chip thermistors are specially processed, highly
reliable thermistors.
They can be face-bonded to act as thermal
compensators for ICs and they are manufactured
in sizes down to 1 square mm, they can also be
used to detect temperature with relatively small
time constants.
Precautions
Dimensions
Reflow soldering profile
103 K T 2125T -
Rated zero-power resistance at 25 C 103:10k
Part number
Chip thermistor
1P: 1%,2P: 2%,3P: 3%
Dimension(EIAJ) 2125
Specifications
Part No.
R25
*1
B value*
2
Dissipation factor
(mW/ C)
Thermal time
constant(s)*
3
Operating temp.
range( C)
Rated power
at 25 C(mW)
*1 R25 : Rated zero-power resistance value at 25 C.
*2 B value : determined by rated zero-power resistance at 25 C and 85 C.
*3 Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.
Other resistance is available, please ask.
103KT2125T
103KT1608T
503KT1608T
104KT1608T
103KT1005T
10k
10k
50k
100k
10k
3435K 1%
3435K 1%
4055K 1%
4390K 1%
3435K 1%
1.0
0.9
0.9
0.9
0.7
7.5
5.0
5.0
5.0
2.2
5.0
4.5
4.5
4.5
3.5
40 125
40 125
40 125
40 125
40 125
Unit(mm)
1.5
(1.0 0.1)
1.65 0.2
4.0 0.1
4.0 0.1
2.0 0.05
1.5max.
(0.25max.)
( ):1608type
0.3max.
0.1
0
Taping (2125, 1608 type)
Do not expose the thermistors to high
soldering heat for more than specified time.
(260 C for not longer than 10s is
recommended)
Unit(mm)
L
L
1
L
1
W
Glass coating
Electrode
(Sn plated)
190 C 15 C
260 C 5 C
Time
Soldering
Cooling
Preheat(air)
120s 30s
1 2
C/s
10s
max.
Minimum quantity:4000pcs/reel
Minimum quantity:10000pcs/reel
Unit(mm)
(1005 type)
T
EIA
0402
0603
0805
EIAJ
1005
1608
2125
L
1.00 0.15
1.60 0.15
2.00 0.20
W
0.50 0.10
0.80 0.15
1.25 0.20
T
0.6max.
0.95max.
1.2max.
L1
0.15 0.30
0.20 0.50
0.20 0.50
2.0 0.05
0.66 0.03
0.9max
0.75 0.02
4.0 0.1
0.6 0.10
2.0 0.10
1.5
0.1
0
CHIP TYPE THERMISTOR


Similar Part No. - 4W-25

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
4W-B SYSTEMSENSOR-4W-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
More results

Similar Description - 4W-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com