Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8413IRGZT Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8413IRGZT
Description  16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8413IRGZT Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS8413IRGZT Datasheet HTML 1Page - Burr-Brown (TI) ADS8413IRGZT Datasheet HTML 2Page - Burr-Brown (TI) ADS8413IRGZT Datasheet HTML 3Page - Burr-Brown (TI) ADS8413IRGZT Datasheet HTML 4Page - Burr-Brown (TI) ADS8413IRGZT Datasheet HTML 5Page - Burr-Brown (TI) ADS8413IRGZT Datasheet HTML 6Page - Burr-Brown (TI) ADS8413IRGZT Datasheet HTML 7Page - Burr-Brown (TI) ADS8413IRGZT Datasheet HTML 8Page - Burr-Brown (TI) ADS8413IRGZT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
www.ti.com
SPECIFICATIONS
ADS8413
SLAS490 – OCTOBER 2005
T
A = –40°C to 85°C, +VA = 5 V,+VBD = 5 V or 3.3 V, Vref = 4.096 V, f sample = 2 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage span (1)
+IN – (–IN)
–Vref
Vref
V
+IN
–0.2
Vref + 0.2
Absolute input voltage range
V
–IN
–0.2
Vref + 0.2
Input common-mode voltage range
Vref/2–0.2
Vref/2
Vref/2+0.2
V
Ci
Input capacitance
25
pF
Input leakage current
500
pA
SYSTEM PERFORMANCE
Resolution
16
Bits
ADS8413IB
16
No missing codes
Bits
ADS8413I
16
ADS8413IB
–2
±1
2
INL
Integral linearity(2)
LSB(3)
ADS8413I
–4.0
±2
4.0
ADS8413IB
–1
0.7/–0.5
1.5
DNL
Differential linearity
LSB(3)
ADS8413I
–1.0
1.5/–0.8
3
ADS8413IB
–1
±0.2
1
EO
Offset error
External reference
mV
ADS8413I
–3.0
±1
3.0
ADS8413IB
–0.1
±0.03
0.1
EG
Gain error(4)
External reference
% of FS
ADS8413I
–0.15
±0.1
0.15
With common mode input signal = 200
CMMR
Common-mode rejection ratio
60
dB
mVp-p at 1 MHz
PSRR
Power supply rejection ratio
At FFF0H output code
80
dB
SAMPLING DYNAMICS
+VBD = 5 V
360
391
Conversion time
ns
+VBD = 3 V
391
+VBD = 5 V
100
Acquisition time
ns
+VBD = 3 V
100
Maximum throughput rate with or without latency
2.0
MHz
Aperture delay
20
ns
Aperture jitter
10
psec
Step response
50
ns
Overvoltage recovery
50
ns
DYNAMIC CHARACTERISTICS
VIN 0.5 dB below FS at 10 kHz
–107
THD
Total harmonic distortion(5)
VIN 0.5 dB below FS at 100 kHz
–95
dB
VIN 0.5 dB below FS at 0.5 MHz
–90
VIN 0.5 dB below FS at 10 kHz
92
SNR
Signal-to-noise ratio
VIN 0.5 dB below FS at 100 kHz
90
dB
VIN 0.5 dB below FS at 0.5 MHz
89
VIN 0.5 dB below FS at 10 kHz
92
SINAD
Signal-to-noise and distortion
VIN 0.5 dB below FS at 100 kHz
86
dB
VIN 0.5 dB below FS at 0.5 MHz
84
VIN 0.5 dB below FS at 10 kHz
–113
SFDR
Spurious free dynamic range
VIN 0.5 dB below FS at 100 kHz
–98
dB
VIN 0.5 dB below FS at 0.5 MHz
–93
–3 dB Small signal bandwidth
37.5
MHz
(1)
Ideal input span; does not include gain or offset error.
(2)
This is endpoint INL, not best fit.
(3)
Least significant bit
(4)
Measured relative to actual measured reference.
(5)
Calculated on the first nine harmonics of the input frequency.
3


Similar Part No. - ADS8413IRGZT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8413 BURR-BROWN-ADS8413 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8413IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8410 TI1-ADS8410 Datasheet
1,005Kb / 40P
[Old version datasheet]   16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8860IDRCT TI1-ADS8860IDRCT Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com