Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8125J80D9ABE22 Datasheet(PDF) 9 Page - ITT Industries

Part # 8125J80D9ABE22
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8125J80D9ABE22 Datasheet(HTML) 9 Page - ITT Industries

Back Button 8125J80D9ABE22 Datasheet HTML 5Page - ITT Industries 8125J80D9ABE22 Datasheet HTML 6Page - ITT Industries 8125J80D9ABE22 Datasheet HTML 7Page - ITT Industries 8125J80D9ABE22 Datasheet HTML 8Page - ITT Industries 8125J80D9ABE22 Datasheet HTML 9Page - ITT Industries 8125J80D9ABE22 Datasheet HTML 10Page - ITT Industries 8125J80D9ABE22 Datasheet HTML 11Page - ITT Industries 8125J80D9ABE22 Datasheet HTML 12Page - ITT Industries 8125J80D9ABE22 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
A–35
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
TERMINATIONS
SECTION A-A
PC MOUNTING
8321SD9AGE
3PDT
8121SD9A2GE
SPDT
8121SD9A4GE
SPDT
A4
RIGHT ANGLE, PC THRU-HOLE, REVERSED TERMINALS
A2
RIGHT ANGLE, PC THRU-HOLE
A
RIGHT ANGLE, PC THRU-HOLE
Not available with JXX actuators and I seal option.
Terminal bend radii and lead-in manufacturing option.
Not available with JXX actuators, I seal option.
Terminal bend radii and lead-in manufacturing option.
Not available with JXX actuators, D3, H, H9, Y3, Y4 bushings and I seal.
Terminal bend radii and lead-in manufacturing option.
The A4 and R2 termination options are functionally identical and fit the same PC mounting pattern.
The switches, however, are shifted relative to the mounting holes. The PC pattern must clear the
switch support legs. Unlike the R2, the A4 option is available with UL/CSA.
PC MOUNTING
A


Similar Part No. - 8125J80D9ABE22

ManufacturerPart #DatasheetDescription
logo
C&K Components
8125J80HPI115A CK-COMPONENTS-8125J80HPI115A Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
More results

Similar Description - 8125J80D9ABE22

ManufacturerPart #DatasheetDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com