Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D51-F51-9001GBA Datasheet(PDF) 4 Page - ITT Industries

Part # D51-F51-9001GBA
Description  1.0/2.3 RF Connector Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D51-F51-9001GBA Datasheet(HTML) 4 Page - ITT Industries

  D51-F51-9001GBA Datasheet HTML 1Page - ITT Industries D51-F51-9001GBA Datasheet HTML 2Page - ITT Industries D51-F51-9001GBA Datasheet HTML 3Page - ITT Industries D51-F51-9001GBA Datasheet HTML 4Page - ITT Industries D51-F51-9001GBA Datasheet HTML 5Page - ITT Industries D51-F51-9001GBA Datasheet HTML 6Page - ITT Industries D51-F51-9001GBA Datasheet HTML 7Page - ITT Industries D51-F51-9001GBA Datasheet HTML 8Page - ITT Industries D51-F51-9001GBA Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
RF Coaxial Connectors
www.ittcannon.com
Dimensions are shown in mm (inch)
Dimensions subject to change
4
1.0/2.3
Specification
50W / 75W nominal
With 50 W connector on 50 W cable = 0 - 2 Ghz
With 75 W connector on 75 W cable = 0 - 2 Ghz
At Sea level = 250 Vrms
1000 MW minimum
Inner contact (50 W) = 4mW maximum
Inner contact (75 W) = 6mW typical maximum
Outer contact (50 W - 75 W) = 2.5mW maximum
With 50 W connector on 50 W cable and
f = 1 GHz
= 0.05 maximum
With 75 W connector on 75 W cable and
f = 1 GHz
= 0.1 maximum
0.2 N (0.04 lbs.) minimum
0.7 N (0.15 lbs.) minimum
10 N (2.24 lbs.) maximum
0.9 N (0.20 lbs.) minimum
Bodies and nuts: Brass.
Inner male contact: Brass or Berylium Copper.
Inner and outer female contacts: Berylium Copper.
Insulators : PTFE or Thermoplastics.
Crimp ferrules: Copper alloy
Contact surfaces: Gold over Nickel.
Bodies and crimp ferrules: Nickel or Gold over Nickel.
-40° C to 85°C
500 matings minimum
CECC 22230, DIN 47297
Impedance
Frequency Range
Voltage Rating
Insulation Resistance
Contact Resistance
Reflection Coefficient
(except SMD Jacks see page 12)
Withdrawal Force, inner female contact
Withdrawal force, outer male contact
Insertion force between jacks and plugs
Withdrawal force between jacks and plugs
Materials
Finish/Plating
Temperature Rating
Connector Durability
Standards
Electrical
Environmental
Mechanical
General


Similar Part No. - D51-F51-9001GBA

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D51 FREQUENCYDEVICES-D51 Datasheet
213Kb / 2P
   Telephone Message & Circuit Noise Measurement
logo
TE Connectivity Ltd
D5100 TEC-D5100 Datasheet
232Kb / 8P
   Industrial Differential Pressure Transducer
logo
List of Unclassifed Man...
D5111M ETC2-D5111M Datasheet
52Kb / 4P
   Modbus RTU or DGH ASCII communications protocol
D5112M ETC2-D5112M Datasheet
52Kb / 4P
   Modbus RTU or DGH ASCII communications protocol
logo
Kingston Technology Far...
D5116AN9CPGRKI-U KINGSTON-D5116AN9CPGRKI-U Datasheet
1Mb / 41P
   8G bits DDR4 SDRAM
More results

Similar Description - D51-F51-9001GBA

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2016691 TEC-C-2016691 Datasheet
174Kb / 1P
   RF CA,1.0-2.3 BULKHEAD TO UMCC GEN1 WITH 1.37CABLE
logo
Pasternack Enterprises,...
PE3C0441 PASTERNACK-PE3C0441 Datasheet
330Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable Using RG316 Coax
logo
Amphenol Corporation
282134-75 AMPHENOL-282134-75 Datasheet
71Kb / 1P
   1.0/2.3/PCB RECEPTACLE SURFACE MOUNT
logo
Pasternack Enterprises,...
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
   1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PE9690 PASTERNACK-PE9690 Datasheet
257Kb / 3P
   SMA Male to 1.0/2.3 Jack Adapter
PE3C0441-60 PASTERNACK-PE3C0441-60 Datasheet
454Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 60 Inch Length Using RG316 Coax, RoHS
PE3C0441-72 PASTERNACK-PE3C0441-72 Datasheet
454Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 72 Inch Length Using RG316 Coax, RoHS
logo
Molex Electronics Ltd.
0731740290 MOLEX11-0731740290 Datasheet
59Kb / 1P
   50 Ohms, DIN 1.0/2.3 Jack, Straight
logo
Amphenol Corporation
282121-75 AMPHENOL-282121-75 Datasheet
66Kb / 1P
   1.0/2.3 PCB BULKHEAD RECEPTACLE - 75 OHM
logo
Pasternack Enterprises,...
PE3C0441-12 PASTERNACK-PE3C0441-12 Datasheet
453Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 12 Inch Length Using RG316 Coax, RoHS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com