Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D51-F30-3091GBA Datasheet(PDF) 7 Page - ITT Industries

Part # D51-F30-3091GBA
Description  1.0/2.3 RF Connector Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D51-F30-3091GBA Datasheet(HTML) 7 Page - ITT Industries

Back Button D51-F30-3091GBA Datasheet HTML 3Page - ITT Industries D51-F30-3091GBA Datasheet HTML 4Page - ITT Industries D51-F30-3091GBA Datasheet HTML 5Page - ITT Industries D51-F30-3091GBA Datasheet HTML 6Page - ITT Industries D51-F30-3091GBA Datasheet HTML 7Page - ITT Industries D51-F30-3091GBA Datasheet HTML 8Page - ITT Industries D51-F30-3091GBA Datasheet HTML 9Page - ITT Industries D51-F30-3091GBA Datasheet HTML 10Page - ITT Industries D51-F30-3091GBA Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
RF Coaxial Connectors
www.ittcannon.com
Dimensions are shown in mm (inch)
Dimensions subject to change
7
75 1.0/2.3
Straight Crimp Plug
Push-Pull Coupling
(Packed in Trays of 25)
Assembly Instructions BBAI - 1269 (Indent) - page 24 - BBAI-1280 (Square*) - page 28
Cable Numbers
ST212 (*)
BT3002 - TZC75024
RA7000
B 0,25/1,45
HFE2290
RG179 B/U
Flex 2
Flex 3
2YCY 0,4/2,5
2,5C - 2V
LA910
Part Number
D55-F24-3022GDA
D55-F24-3035GDA
D55-F24-3037GDA
D55-F24-3053GDA
D55-F24-3054GDA
D55-F24-3079GDA
D55-F24-3090GDA
D55-F24-3091GDA
D55-F24-3001GDA
D55-F24-3043GDA
D55-F24-3095GDA
Cable Numbers
ST214
BT2003
BT5000
TZC75005
0,4/2,4
Flex 5
Flex 7
3C - 2V
3C - 2W
Part Number
D55-F24-3024GDA
D55-F24-3033GDA
D55-F24-3036GDA
D55-F24-3051GDA
D55-F24-3052GDA
D55-F24-3092GDA
D55-F24-3094GDA
D55-F24-3045GDA
D55-F24-3046GDA
Assembly Instructions BBAI - 1269 - page 24
Right Angle Solder Crimp Plug
Push-Pull Coupling - Screw Cap
(Packed in Trays of 25)
75 Cable Plugs
W
Cable Numbers
ST212
ST214
BT2003
BT3002 - TZC75024
BT5000
RA7000
RG179
Part Number
D55-F28-3122A9A
D55-F28-3124A9A
D55-F28-3133A9A
D55-F28-3135A9A
D55-F28-3136A9A
D55-F28-3137A9A
D55-F28-3179A9A
Assembly Instructions BBAI - 1277 - page 27
* Square Crimp optional
~ 22,00
(.866)
MAX
~ 22,00
(.866)
MAX
7,70
(.303)
7,70
(.303)
~ 28,10
(1.102)
MAX
~ 28,10
(1.102)
MAX
7,70
(.303)
W


Similar Part No. - D51-F30-3091GBA

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D51 FREQUENCYDEVICES-D51 Datasheet
213Kb / 2P
   Telephone Message & Circuit Noise Measurement
logo
TE Connectivity Ltd
D5100 TEC-D5100 Datasheet
232Kb / 8P
   Industrial Differential Pressure Transducer
logo
List of Unclassifed Man...
D5111M ETC2-D5111M Datasheet
52Kb / 4P
   Modbus RTU or DGH ASCII communications protocol
D5112M ETC2-D5112M Datasheet
52Kb / 4P
   Modbus RTU or DGH ASCII communications protocol
logo
Kingston Technology Far...
D5116AN9CPGRKI-U KINGSTON-D5116AN9CPGRKI-U Datasheet
1Mb / 41P
   8G bits DDR4 SDRAM
More results

Similar Description - D51-F30-3091GBA

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2016691 TEC-C-2016691 Datasheet
174Kb / 1P
   RF CA,1.0-2.3 BULKHEAD TO UMCC GEN1 WITH 1.37CABLE
logo
Pasternack Enterprises,...
PE3C0441 PASTERNACK-PE3C0441 Datasheet
330Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable Using RG316 Coax
logo
Amphenol Corporation
282134-75 AMPHENOL-282134-75 Datasheet
71Kb / 1P
   1.0/2.3/PCB RECEPTACLE SURFACE MOUNT
logo
Pasternack Enterprises,...
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
   1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PE9690 PASTERNACK-PE9690 Datasheet
257Kb / 3P
   SMA Male to 1.0/2.3 Jack Adapter
PE3C0441-60 PASTERNACK-PE3C0441-60 Datasheet
454Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 60 Inch Length Using RG316 Coax, RoHS
PE3C0441-72 PASTERNACK-PE3C0441-72 Datasheet
454Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 72 Inch Length Using RG316 Coax, RoHS
logo
Molex Electronics Ltd.
0731740290 MOLEX11-0731740290 Datasheet
59Kb / 1P
   50 Ohms, DIN 1.0/2.3 Jack, Straight
logo
Amphenol Corporation
282121-75 AMPHENOL-282121-75 Datasheet
66Kb / 1P
   1.0/2.3 PCB BULKHEAD RECEPTACLE - 75 OHM
logo
Pasternack Enterprises,...
PE3C0441-12 PASTERNACK-PE3C0441-12 Datasheet
453Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 12 Inch Length Using RG316 Coax, RoHS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com