Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800D-5 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 800D-5
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

800D-5 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 800D-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers 800D-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers 800D-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers 800D-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers 800D-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers 800D-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers 800D-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers 800D-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers 800D-5 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
Part number
Dimensions
Taping
Package
Our newly developed
IT thermistors are axial
leaded diode type packaged in high-density resin
mold and featured strength against various operating
environments.
We offer
IT thermistor with
2% tolerance for a
resistance value of 25 C and
1% for B value.
IT thermistors are the most appropriate device for
accurate temperature control below 100 C.
103 IT
IT thermistor
Rated zero-power resistance
at 25 C 103 : 10k
Mark
Reel
Ammopack (Zig-Zag)
Epoxy
0.6 Silver plated
CP wire
70
2
260
5
80
5
24
0.5
30
230
2
3
0.1
103 AA
Lot NO
103 : 10k
Unit (mm)
(mm)
Unit (mm)
Unit (mm)
2
5
6
1.2 max
0.5 max.
Minimum quantity : 5000 pcs/ reel
Minimum quantity : 2000 pcs/box
Label
52
182.1
93.35
49.85
27.75
16.02
9.541
5.876
3.728
2.431
1.623
303.4
155.6
83.09
46.25
26.70
15.90
9.793
6.214
4.051
2.705
367.7
204.7
118.5
71.02
43.67
27.70
18.07
12.11
8.301
5.811
1539
810.8
445.1
253.8
149.8
91.31
57.32
36.99
24.47
16.56
3135
1602
855.0
474.4
272.7
161.9
99.13
62.38
40.24
26.58
9584
4572
2282
1191
647.2
365.0
212.5
127.7
78.88
50.03
1026
540.5
296.7
169.2
99.85
60.87
38.21
24.66
16.31
11.04
Specifications
Part No.
R25
*1
B value
*2
Dissipation factor
(mW/ C)
Thermal time
constant (s)
*3
Operating temp.
range ( C)
Rated power
at 25 C (mW)
*
1 R25 : Rated zero-power resistance value at 25 C,
1% and 3% are also available.
*
2 B value : determined by rated zero-power resistance at 25 C and 85 C.
*
3 Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.
302 I T
3.0k
2%
5.0k
2%
10.0k
2%
20.0k
2%
30.0k
2%
50.0k
2%
100.0k
2%
3860K 1%
3860K 1%
3435K 1%
3760K 1%
3760K 1%
4055K 1%
4390K 1%
3.6
3.6
3.6
3.6
3.6
3.6
3.6
13.5
13.5
13.5
13.5
13.5
13.5
13.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
50 125
50 125
50 100
50 125
50 125
50 125
50 125
Resistance-Temperature
50
40
30
20
10
0
10
20
30
40
Temperature
( C)
Temperature
( C)
1.109
0.7744
0.5513
0.4000
0.2951
0.2210
0.1680
0.1295
0.1142
50
60
70
80
90
100
110
120
125
1.849
1.291
0.9189
0.6667
0.4918
0.3683
0.2800
0.2158
0.1903
4.147
3.011
2.224
1.668
1.267
0.9753
7.632
5.380
3.861
2.815
2.083
1.564
1.190
0.9159
0.8067
11.45
8.070
5.792
4.223
3.125
2.346
1.785
1.374
1.210
17.93
12.33
8.588
6.064
4.338
3.142
2.302
1.705
1.472
32.51
21.61
14.66
10.13
7.135
5.111
3.720
2.746
2.371
Unit (k )
IT THERMISTOR
Unit
502 I T
103 I T
104IT
503 I T
302 I T
502 I T
103 I T
203 I T
303 I T
503 I T
104 I T
302 I T
502 I T
203 I T
303 I T
503 I T
104 I T
103 I T
303 I T
203 I T
Type
Type
ACCURATE AXIAL TYPE THERMISTOR


Similar Part No. - 800D-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
800DM VISHAY-800DM Datasheet
89Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 03-Sep-2020
More results

Similar Description - 800D-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com