Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMD3N08LR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTMD3N08LR2
Description  Power MOSFET 2.3 Amps, 80 Volts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMD3N08LR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NTMD3N08LR2 Datasheet HTML 3Page - ON Semiconductor NTMD3N08LR2 Datasheet HTML 4Page - ON Semiconductor NTMD3N08LR2 Datasheet HTML 5Page - ON Semiconductor NTMD3N08LR2 Datasheet HTML 6Page - ON Semiconductor NTMD3N08LR2 Datasheet HTML 7Page - ON Semiconductor NTMD3N08LR2 Datasheet HTML 8Page - ON Semiconductor NTMD3N08LR2 Datasheet HTML 9Page - ON Semiconductor NTMD3N08LR2 Datasheet HTML 10Page - ON Semiconductor NTMD3N08LR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NTMD3N08LR2
http://onsemi.com
7
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 13. Thermal Response
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
t, TIME (s)
1
0.1
0.01
D = 0.5
SINGLE PULSE
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.2
0.1
0.05
0.02
0.01
1.0E+02
1.0E+03
0.001
10
0.0175 Ω
0.0710 Ω
0.2706 Ω
0.5776 Ω
0.7086 Ω
107.55 F
1.7891 F
0.3074 F
0.0854 F
0.0154 F
Chip
Ambient
Normalized to θja at 10s.


Similar Part No. - NTMD3N08LR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD3P03R2 ONSEMI-NTMD3P03R2 Datasheet
66Kb / 6P
   Power MOSFET -3.05 Amps, -30 Volts
May, 2004 ??Rev. 1
NTMD3P03R2 ONSEMI-NTMD3P03R2 Datasheet
147Kb / 6P
   Power MOSFET -3.05 Amps, -30 Volts
February, 2006 ??Rev. 2
NTMD3P03R2 ONSEMI-NTMD3P03R2 Datasheet
116Kb / 6P
   Power MOSFET Dual P-Channel SOIC-8
August, 2013 ??Rev. 4
NTMD3P03R2G ONSEMI-NTMD3P03R2G Datasheet
147Kb / 6P
   Power MOSFET -3.05 Amps, -30 Volts
February, 2006 ??Rev. 2
NTMD3P03R2G ONSEMI-NTMD3P03R2G Datasheet
116Kb / 6P
   Power MOSFET Dual P-Channel SOIC-8
August, 2013 ??Rev. 4
More results

Similar Description - NTMD3N08LR2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF8010 UTC-UF8010 Datasheet
215Kb / 6P
   80 Amps, 100 Volts N-CHANNEL POWER MOSFET
60N08 UTC-60N08 Datasheet
187Kb / 6P
   60 Amps, 80 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
   Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
   Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
MMDF3N04HD ONSEMI-MMDF3N04HD Datasheet
121Kb / 12P
   Power MOSFET 3 Amps, 40 Volts
October, 2003 ??Rev. 3
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com