Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10BT-6 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 10BT-6
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

10BT-6 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  10BT-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10BT-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 10BT-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 10BT-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 10BT-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 10BT-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10BT-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10BT-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10BT-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
THERMOPILE
Dimensions
Ratings
Part number
Thermopile type Infrared sensor
utilizing own silicon micromachining
technology.
Applications:Eardrum thermometer
Microwave oven
Non contact temparature measurement
Part No.
15TP551T
15TP551N
10TP581T
type
TO5
TO18
Thermistor
Built-in
Built-in
8.2
0.05
3
4.5
3
0.8 0.1
1.8 max
45
9.4 max
22
1
1
4
4
3
3
A
TO5
4.65
0.05
(3.12)
(2.4)
5.6 max
A
TO18
3.2 0.3
0.1
(TOP VIEW)
(SIDE VIEW)
(BOTTOM VIEW)
5.08 0.2
1 0.2
1.35 0.2
2.2 0.1
13.2 0.5
Au plated
SENSOR
SURFACE
FILTER
SURFACE
R 0.3 max
R 0.5 max
OPTICAL
DISTANCE
2.54 0.2
13.2 0.5
2.95 0.2
1.25 0.2
0.55 0.2
SENSOR
SURFACE
FILTER
SURFACE
R 0.3 max
OPTICAL
DISTANCE
5
1 T
0 0
Parameters
Unit
Conditions
Value
15TP551
10TP581
Sensitive area
*1 Responsivily
*1 Output Voltage
*2 Output Voltage
*1 Temperature Coefficient
of Responsivily
Thermopile Resistans
Temperature Coefficient
of Thermopile Resistance
Johnson Noise Voltage
*1 S/N Ratio
*1 Noise Equivalent Power
*1 Specific Detecivity
Time Constant
Operating Temperature range
Strage Temperature renge
Filter Range
Field of View
Insulation Rasistance
Sealing
*3 Thermistor Resistance Value
*3 Thermistor B-Value
*3 Thermistor Rated Power
Test Condition
Blackbody Temperature
Sensor-Blackbody Distance
Sensor Temperature
Aperture size
: 500K
: 100mm
: 298K
:
12.7mm
*1
Test Condition
Blackbody Temperature
Sensor Temperature
: 310K
: 298K
*2
Built-in Type
*3
1.56 1.56
16 30%
490 30%
2.49 30%
0.01 0.02
55 30%
0.1
30
84.2
1.9
8.4 10
7
45
20 100
40 100
Cut on 5
45
500
1 10
9
100 3%
3435 0.7%
0.5
1.05 1.05
15 30%
200 30%
1.00 30%
0.02 0.02
65 30%
0.1
33
75.7
2.2
4.7 10
7
15
20 100
40 100
Cut on 5
50
500
1 10
9
100 3%
3435 0.7%
0.5
mm
2
V/ W
V
mV
% / C
k
% / C
nV/
dB
nW/ Hz
1/2
cm
•Hz1/2/ w
ms
C
C
m
deg.
M
Pa
•m3/ s
k
K
mW
Size of Absorbing Film
Reference
Johnson Noise r.m.s.,298K 1Hz Typical
Output Voltage/Johnson Noise, Typical
Typical
Typical
Typical
Standard
Incident Angle to Ahieve 50% Responsivity
Application of DC25V
Rated zero-power resistance Value at 25 C
at 25 C
Hz
Unit mm
THERMOPILE TYPE INFRARED SENSOR


Similar Part No. - 10BT-6

ManufacturerPart #DatasheetDescription
logo
Central Technologies
10BT16PDIP CT-10BT16PDIP Datasheet
249Kb / 2P
   LAN Components
10BTLPF16PDIP CT-10BTLPF16PDIP Datasheet
194Kb / 2P
   LAN Components
More results

Similar Description - 10BT-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com