Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

103AT-5-TP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 103AT-5-TP
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

103AT-5-TP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  103AT-5-TP Datasheet HTML 1Page - List of Unclassifed Manufacturers 103AT-5-TP Datasheet HTML 2Page - List of Unclassifed Manufacturers 103AT-5-TP Datasheet HTML 3Page - List of Unclassifed Manufacturers 103AT-5-TP Datasheet HTML 4Page - List of Unclassifed Manufacturers 103AT-5-TP Datasheet HTML 5Page - List of Unclassifed Manufacturers 103AT-5-TP Datasheet HTML 6Page - List of Unclassifed Manufacturers 103AT-5-TP Datasheet HTML 7Page - List of Unclassifed Manufacturers 103AT-5-TP Datasheet HTML 8Page - List of Unclassifed Manufacturers 103AT-5-TP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
NC SENSOR
NC SENSOR is the remote temperature sensor
consisting of two precision thermistors.
1.Features
3. Dimensions
4.Specification
Parameters
F-type (for heat-roller)
M-type (for microwave ovens)
Performance
180 C 3 C
Conditions
Temperature
Accuracy
Blackbody Temperature : 180 C
Thermal Emissivity : 0.96
Temperature compensation : 100 C
Roller Size : 40mm
Testing Distance : 5mm
Resistor Connected : 33.0
Power Line Voltage : DC 5.000V
Operating
Temperature
Range
Temperature
Detecting
range
• Larger output in comparison with other IR sensors.
• Operating temperature of up 150 C.
• Minimum negative influence caused by a dew and/or
dust.
2.Applications
• Temperature measurment of the LBP and PPC heat-
roller.
• White goods such as microwave-ovens, air-conditioner,
refrigerator and so on.
• Any other measurement requiring the remote-sensing.
52.5
28
5
2
28
8
23
18
5.5
34.5
5
200 (120 300)
160 (120 300)
3.2
5.6
F-type
M-type
Unit mm
Unit mm
Performance
Conditions
Blackbody Temperature : 60 C
Thermal Emissivity : 0.995
Temperature compensation : 25 C
Resistor Connected : 68.0
Power Line Voltage : DC 5.000V
60 C 5 C
10 C 150 C
10 C 260 C
10 C 100 C
NON-CONTACT SENSOR (Infrared sensing temperature detector)


Similar Part No. - 103AT-5-TP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
103A0-C200-00 3M-103A0-C200-00 Datasheet
1Mb / 4P
   3M™ Mini D Ribbon (MDR) Connectors
October 17, 2011
logo
List of Unclassifed Man...
103AP-2 ETC2-103AP-2 Datasheet
294Kb / 1P
   AP THERMISTOR
More results

Similar Description - 103AT-5-TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com