Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC908QY4A Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC68HC908QY4A
Description  On-Chip FLASH Programming Routines
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908QY4A Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC68HC908QY4A Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC908QY4A Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC908QY4A Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC908QY4A Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC908QY4A Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC908QY4A Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC908QY4A Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC908QY4A Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC908QY4A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Variables Used in the Routines
On-Chip FLASH Programming Routines, Rev. 4
Freescale Semiconductor
3
ERARNGE
This routine is used to erase either a page (64 bytes) or the whole array of FLASH. It can be used when
the internal operating frequency (fop) is between 1.0 MHz and 8.4 MHz.
DELNUS
This routine can generate a specified delay based on the values of register X and accumulator (A) as
parameters. DELNUS is used in ERARNGE routine.
Variables Used in the Routines
The RDVRNGE, PRGRNGE, and ERARNGE routines require certain registers and/or RAM locations to
be initialized before calling the routines in the user software. Table 1 shows variables used in the routines
and their locations.
RAM
In general, RAM in Table 1 indicates the RAM start address. See Table 2 for RAM start locations for
specific MCUs. For example, the RAM start address for the MC68HC908LB8 (and each MCU currently
in the table) is $80.
CTRLBYT
The control byte (CTRLBYT) is located at RAM address RAM+$8 and is used for the ERARNGE routine.
In the case of the MC68HC908LB8, the CTRLBYT is located at $88. Bit 6 in this location is used to specify
either MASS (1) or PAGE (0) erase. The other bits must be 0. If one or more of these bits (except bit 6)
is initialized with 1, the erase operation is not executed.
Table 1. Variables and Their Locations
Location
Variable Name
Size (Bytes)
Description
RAM – RAM+7
Reserved
8
Reserved for future use
RAM+$8
CTRLBYT
1
Control byte setting erase size
RAM+$9
CPUSPD
1
CPU speed — the nearest integer of
fop (in MHz) × 4;
for example, if
fop = 2.4576 MHz, CPUSPD = 10
RAM+$A,
RAM+$B
LADDR
2
Last address of a 16-bit range
RAM+$C
DATA
Varies
First location of DATA array;
DATA array size must match a programming or verifying range
Registers H:X
2
Beginning address of a 16-bit range


Similar Part No. - MC68HC908QY4A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908QY4A FREESCALE-MC68HC908QY4A Datasheet
1Mb / 200P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A Datasheet
2Mb / 200P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A Datasheet
2Mb / 200P
   M68HC08 Microcontrollers
logo
NXP Semiconductors
MC68HC908QY4A NXP-MC68HC908QY4A Datasheet
3Mb / 202P
   Addendum to MC68HC908QY4A, rev. 3
5/2012 Rev. 3
logo
Freescale Semiconductor...
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
More results

Similar Description - MC68HC908QY4A

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
logo
Microchip Technology
PIC24F04KA200 MICROCHIP-PIC24F04KA200 Datasheet
207Kb / 26P
   Flash Programming Specifications
2010
PIC24F08KA101 MICROCHIP-PIC24F08KA101 Datasheet
727Kb / 48P
   Flash Programming Specifications
2008
logo
STMicroelectronics
PM0018 STMICROELECTRONICS-PM0018 Datasheet
158Kb / 10P
   ST7 Flash programming
AN1496 STMICROELECTRONICS-AN1496 Datasheet
240Kb / 17P
   Flash Programming / Reprogramming
logo
Microchip Technology
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
logo
ATMEL Corporation
AT89C5131 ATMEL-AT89C5131_14 Datasheet
2Mb / 5P
   32-Kbyte On-chip Flash In-System Programming through USB or UART
logo
STMicroelectronics
AN4035 STMICROELECTRONICS-AN4035 Datasheet
582Kb / 42P
   Flash programming through
logo
Microchip Technology
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC24FJ16GA004-EPT MICROCHIP-PIC24FJ16GA004-EPT Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com