Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC908QY8 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC68HC908QY8
Description  On-Chip FLASH Programming Routines
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908QY8 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC68HC908QY8 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC908QY8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC908QY8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC908QY8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC908QY8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC908QY8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC908QY8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC908QY8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC908QY8 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
On-Chip FLASH Programming Routines, Rev. 4
2
Freescale Semiconductor
Routines Supported in ROM
FLASH Overview
The FLASH cell used on these 0.5-
µ MCUs is an industry-proven split-gate cell. The cell uses channel
hot electron injection for programming and Fowler-Nordheim tunnelling for erasing. All programming
voltages are generated internally by a charge pump from a single connection to VDD.
With the quick byte-programming time and the organization of the FLASH array into 32-byte rows, the
entire 8-Kbyte memory can be programmed in less than one-half second. This type of FLASH is specified
to withstand at least 10,000 program/erase cycles and has enhanced reliability over previous technology.
Usually, split-gate FLASH is programmed on a row basis and erased on a page basis. Also, an entire
specified array can be mass erased. For the target MCUs, rows are 32 bytes and pages are 64 bytes (two
rows of 32 bytes each).
Routines Supported in ROM
In the ROM, six routines are supported. Because the ROM has a jump table, the user does not call the
routines with direct addresses. Therefore, the calling addresses will not change—even when the ROM
code is updated in the future.
This section introduces each routine briefly. Details are discussed in later sections.
GetByte
This routine is used to receive a byte serially on the general-purpose I/O PTA0. The receiving baud rate
is the same as the baud rate used in monitor mode. In the GetByte routine, the GetBit routine is called to
generate baud rates required for each MCU.
PutByte
This routine is used to send a byte serially on the general-purpose I/O PTA0. The sending baud rate is
the same as the baud rate specified in monitor mode.
RDVRRNG
This routine is used to perform one of two options. Using the send-out option, this routine reads FLASH
locations and sends the data out serially on the general-purpose I/O PTA0. Using to verify option, this
routine verifies the FLASH data against data in a specific RAM location, which is referred to as a DATA
array.
PRGRNGE
This routine is used to program a contiguous range of FLASH locations that is up to 32 bytes and in the
same row. Programming data is first loaded into the DATA array. PRGRNGE can be used when the
internal operating frequency (fop) is between 1.0 MHz and 8.4 MHz.


Similar Part No. - MC68HC908QY8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908QY8 FREESCALE-MC68HC908QY8 Datasheet
1Mb / 236P
   To provide the most up-to-date information, the revision of our documents
MC68HC908QY8 FREESCALE-MC68HC908QY8 Datasheet
2Mb / 236P
   M68HC08 Microcontrollers
More results

Similar Description - MC68HC908QY8

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
logo
Microchip Technology
PIC24F04KA200 MICROCHIP-PIC24F04KA200 Datasheet
207Kb / 26P
   Flash Programming Specifications
2010
PIC24F08KA101 MICROCHIP-PIC24F08KA101 Datasheet
727Kb / 48P
   Flash Programming Specifications
2008
logo
STMicroelectronics
PM0018 STMICROELECTRONICS-PM0018 Datasheet
158Kb / 10P
   ST7 Flash programming
AN1496 STMICROELECTRONICS-AN1496 Datasheet
240Kb / 17P
   Flash Programming / Reprogramming
logo
Microchip Technology
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
logo
ATMEL Corporation
AT89C5131 ATMEL-AT89C5131_14 Datasheet
2Mb / 5P
   32-Kbyte On-chip Flash In-System Programming through USB or UART
logo
STMicroelectronics
AN4035 STMICROELECTRONICS-AN4035 Datasheet
582Kb / 42P
   Flash programming through
logo
Microchip Technology
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC24FJ16GA004-EPT MICROCHIP-PIC24FJ16GA004-EPT Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com