Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8421SD9AV2BE Datasheet(PDF) 4 Page - ITT Industries

Part # 8421SD9AV2BE
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8421SD9AV2BE Datasheet(HTML) 4 Page - ITT Industries

  8421SD9AV2BE Datasheet HTML 1Page - ITT Industries 8421SD9AV2BE Datasheet HTML 2Page - ITT Industries 8421SD9AV2BE Datasheet HTML 3Page - ITT Industries 8421SD9AV2BE Datasheet HTML 4Page - ITT Industries 8421SD9AV2BE Datasheet HTML 5Page - ITT Industries 8421SD9AV2BE Datasheet HTML 6Page - ITT Industries 8421SD9AV2BE Datasheet HTML 7Page - ITT Industries 8421SD9AV2BE Datasheet HTML 8Page - ITT Industries 8421SD9AV2BE Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
A–30
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
ACTUATOR—SNAP-IN FRONT MOUNT
**
PANEL MOUNTING
J83
SNAP-IN WITH FRAME AND FLUSH CAP
LED not included.
For LED information, see page A-43.
LED not included.
For LED information, see page A-43.
J84
SNAP-IN WITH FRAME FOR LED, FLUSH CAP
J82
SNAP-IN WITH FRAME FOR LED
Other colors available, consult
Customer Service Center.
Cap and Frame Finish: matte.
Available with C, W-W4, Z or Z3 terminations and
SPDT and DPDT models only.
NOTE: Caps and frames available separately,
see pages A-42 and A-43.
2
BLACK
1
WHITE
3
RED
4
ORANGE
5
YELLOW
6
GREEN
7
BLUE
9
GRAY
CAP AND FRAME
COLOR
OPTION
CODE
ACTUATOR OR PLUNGER
CAP COLOR
FRAME COLOR
A


Similar Part No. - 8421SD9AV2BE

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8421 FILTRAN-8421 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
PHOENIX CONTACT
8421 PHOENIX-8421 Datasheet
331Kb / 26P
   AXL E EIP DI16 M12 6M
logo
ASM GmbH
8421-51 ASM-SENSOR-8421-51 Datasheet
1Mb / 8P
   MEMORY HiLOGGER
logo
Integrated Device Techn...
8421002I-01 IDT-8421002I-01 Datasheet
173Kb / 15P
   FemtoClock Crystal-to-HSTL Frequency Synthesizer
logo
Renesas Technology Corp
8421002I-01 RENESAS-8421002I-01 Datasheet
373Kb / 16P
   FemtoClock® Crystal-to-HSTL Frequency Synthesizer
8/14/15
More results

Similar Description - 8421SD9AV2BE

ManufacturerPart #DatasheetDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com