Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58016LXC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58016LXC
Description  3.3V 10Gbps DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58016LXC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58016LXC Datasheet HTML 1Page - Micrel Semiconductor SY58016LXC Datasheet HTML 2Page - Micrel Semiconductor SY58016LXC Datasheet HTML 3Page - Micrel Semiconductor SY58016LXC Datasheet HTML 4Page - Micrel Semiconductor SY58016LXC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY58016L
Micrel
Pin Number
Pin Name
Pin Function
1, 4
D, /D
CML, PECL Differential Inputs with internal 50
Ω pull-up resistors.
2, 3, 10, 11
VTR
Transmission Line Return: Normally connected to the most positive supply.
6, 7, 14, 15
VEE
Most Negative Supply. Exposed pad to be at the same electrical potential as VEE pins.
Exposed pad
12, 9
Q, /Q
CML Differential Outputs with internal 50
Ω pull-up resistors.
5, 8, 13, 16
VCC
Positive Power Supply: +3.3V nominal.
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Part Number
Type
Range
Marking
SY58016LXC
DIE
25
°C—
SY58016LMI
MLF-16
Industrial
016L
SY58016LMITR*
MLF-16
Industrial
016L
*Tape and Reel
PIN DESCRIPTION
1
2
3
4
12
11
10
9
16 15 14 13
5678
D
VTR
VTR
/D
Q
VTR
VTR
/Q
16-pin
MLF
16-Pin MLF
(MLF-16)


Similar Part No. - SY58016LXC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58016LXC MICREL-SY58016LXC Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
More results

Similar Description - SY58016LXC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58016L MICREL-SY58016L_11 Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
SY58600U MICREL-SY58600U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U_07 Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
logo
Micrel Semiconductor
SY58602U MICREL-SY58602U_07 Datasheet
1Mb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
logo
ON Semiconductor
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
NB7VQ1006M ONSEMI-NB7VQ1006M Datasheet
177Kb / 10P
   1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2
logo
Micrel Semiconductor
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
logo
ON Semiconductor
MC100EP52 ONSEMI-MC100EP52 Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com