Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58016L Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58016L
Description  3.3V 10Gbps DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58016L Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58016L Datasheet HTML 1Page - Micrel Semiconductor SY58016L Datasheet HTML 2Page - Micrel Semiconductor SY58016L Datasheet HTML 3Page - Micrel Semiconductor SY58016L Datasheet HTML 4Page - Micrel Semiconductor SY58016L Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
s Accepts up to 10.7Gbps data
s < 45ps edge rate
s Gain
4V/V
s CML/PECL differential inputs
s CML outputs
s Internal 50
input termination
s Internal 50
output load resistors
s Available in die or 16-pin (3mm
××××× 3mm) MLF package
FEATURES
3.3V 10Gbps DIFFERENTIAL
CML LINE DRIVER/RECEIVER
WITH INTERNAL TERMINATION
SY58016L
FINAL
APPLICATIONS
s Backplane buffering
s OC-3/OC-192 SONET clock or data distribution/driver
s All GigE clock or data distribution/driver
s Fibre Channel distribution/driver
1
Rev.: A
Amendment: /0
Issue Date:
September 2002
The SY58016L is a high-speed, current mode logic (CML)
differential receiver. It is ideal for interfacing with high
frequency sources. It can be used as Line Receiver, Line
Driver and Limiting Amplifier. The device can be operated
from DC to 10Gbps. The input incorporates internal
temination resistors, and directly interfaces to a CML logic
signal. The output is CML compatible, and includes 50
load resistors.
FUNCTIONAL BLOCK DIAGRAM
TYPICAL PERFORMANCE
MLF and
MicroLeadFrame are trademarks of Amkor Technology, Inc.
16
15
14
13
56
7
8
1
2
3
4
12
11
10
9
VTR*
VTR*
VCC
VEE
VEE
VCC
Q
VTR*
VTR*
/Q
D
/D
VCC
VEE
VEE
VCC
VCC
50
50
VCC
50
VCC
VCC
50
*VTR is not connected to the DIE.
400mV Output Swing
100mV Input Swing
50
50
Backplane
100mV In
400mV Out
(< 45ps Edge Rate)
SY58016L


Similar Part No. - SY58016L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58016L MICREL-SY58016L Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58016L MICREL-SY58016L Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
SY58016LMG MICREL-SY58016LMG Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
SY58016LMGTR MICREL-SY58016LMGTR Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
SY58016LXC MICREL-SY58016LXC Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
More results

Similar Description - SY58016L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58016L MICREL-SY58016L_11 Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
SY58600U MICREL-SY58600U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U_07 Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
logo
Micrel Semiconductor
SY58602U MICREL-SY58602U_07 Datasheet
1Mb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
logo
ON Semiconductor
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
NB7VQ1006M ONSEMI-NB7VQ1006M Datasheet
177Kb / 10P
   1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2
logo
Micrel Semiconductor
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
logo
ON Semiconductor
MC100EP52 ONSEMI-MC100EP52 Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com