Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9201J3AV2QD22 Datasheet(PDF) 4 Page - ITT Industries

Part # 9201J3AV2QD22
Description  Power Rocker and Lever Handle Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

9201J3AV2QD22 Datasheet(HTML) 4 Page - ITT Industries

  9201J3AV2QD22 Datasheet HTML 1Page - ITT Industries 9201J3AV2QD22 Datasheet HTML 2Page - ITT Industries 9201J3AV2QD22 Datasheet HTML 3Page - ITT Industries 9201J3AV2QD22 Datasheet HTML 4Page - ITT Industries 9201J3AV2QD22 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
H–56
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K 9000 Series
Power Rocker and Lever Handle Switches
TERMINATIONS
CONTACT MATERIAL
SEAL
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE
9201J1AV2QE2
Vertical Actuation
DPDT
NOTE: Terminal bend radii and lead-in manufacturing option.
Terminal spacing greater than 3mm at all points.
Terminal Nos. Molded
On Side of Case
Not available with 9221 model or Z4 terminations.
Must be ordered with 9221 model and Z4 termination.
9201 Only
1 END CONTACTS: Coin silver, silver plated.
2 CENTER CONTACTS & ALL TERMINALS: Copper alloy, silver plated.
3 END CONTACTS: Silver cadmium oxide.
4 CENTER CONTACTS: Copper alloy, silver plated.
5 Z4 TERMINALS ONLY: Copper alloy, tin plated.
6 Cadmium used for electrical contacts is acceptable for RoHS.
NOTE: Any models supplied with Q contact material is RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
9221 model must be ordered with Z4 terminations and D seal option.
All 9000 Series models meet international dimensional and electrical requirements.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
E
EPOXY SEAL
D
NO EPOXY SEAL
OPTION
CODE
Q
9201
9221
MODEL
CONTACT
MATERIAL
SILVER 1,2
SILVER CADMIUM OXIDE 3,4,0
SILVER OR TIN 2,5
TIN 5
TERMINAL
PLATING
RATINGS
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
POWER
6 AMPS @120 V AC OR 28 V DC; 3 AMPS @ 250 V AC.
10 AMPS @125 V AC OR 28 V DC; 5 AMPS @ 250 V AC.
YES
YES


Similar Part No. - 9201J3AV2QD22

ManufacturerPart #DatasheetDescription
logo
C&K Components
9201J3AV2Q-D-12 CK-COMPONENTS-9201J3AV2Q-D-12 Datasheet
790Kb / 5P
   Power Rocker and Lever Handle Switches
2018
9201J3AV2Q-D-22 CK-COMPONENTS-9201J3AV2Q-D-22 Datasheet
790Kb / 5P
   Power Rocker and Lever Handle Switches
2018
9201J3AV2Q-D-3-2 CK-COMPONENTS-9201J3AV2Q-D-3-2 Datasheet
790Kb / 5P
   Power Rocker and Lever Handle Switches
2018
9201J3AV2Q-E12 CK-COMPONENTS-9201J3AV2Q-E12 Datasheet
790Kb / 5P
   Power Rocker and Lever Handle Switches
2018
9201J3AV2Q-E22 CK-COMPONENTS-9201J3AV2Q-E22 Datasheet
790Kb / 5P
   Power Rocker and Lever Handle Switches
2018
More results

Similar Description - 9201J3AV2QD22

ManufacturerPart #DatasheetDescription
logo
C&K Components
9000 CK-COMPONENTS-9000_V01 Datasheet
790Kb / 5P
   Power Rocker and Lever Handle Switches
2018
9000ROCKER CK-COMPONENTS-9000ROCKER Datasheet
789Kb / 5P
   Power Rocker and Lever Handle Switches
logo
ITT Industries
7101J1ZQE2 ITT-7101J1ZQE2 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
7101MDABE0 ITT-7101MDABE0 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com