Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1276AFG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TA1276AFG
Description  PAL/NTSC Video Chroma And Deflection IC For CTV
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1276AFG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TA1276AFG Datasheet HTML 7Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 8Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 9Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 10Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 11Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 12Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 13Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 14Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
TA1276AFG
2002-04-01
11
Pin
No.
Pin Name
Function
Interface Circuit
Input/Output
Signal
58
APC filter
Connect APC filter
demodulating the chroma.
The oscillation frequency
of VCXO varies depending
on the voltage at this pin.
DC
60
NC
None connect PIN.
These pins connect to
GND.
62
61
59
4.43 MHz
X’tal
M PAL X’tal
3.58 MHz
X’tal
Connect X’tal. In the case
of series capacity, the
oscillation frequency (f0)
can be changed. In the
case of parallel capacity,
the changeable range of
frequency can be
changed.
DC
4.0 V
90 mVp-p
63
1H DL
control
Outputs the result of
whether the signal is PAL,
SECAM or NTSC.
Connect the output to the
1H DL IC.
In the case of
discrimination between
white or black, the voltage
just before that is retained.
The voltage immediately
after turning-on is not
fixed.
8.4 V: PAL
4.3 V: SECAM
0 V: NTSC
64
V/I output
Outputs R-Y (V) or Q
signal. It includes LPF that
can remove carrier.
The chroma signal that
routed ACC and TOF
circuits (before demo
input) can be monitored by
pulling up this pin at 10
k
Ω.
DC
2.5 V
Rainbow
color bar
: 360 mVp-p
57
58
3 k
1 k
57
500
62
61
59
R
Pin 62 1.5 k
Pin 61 2.5 k
Pin 59 2.5 k
42
63
500
57
64


Similar Part No. - TA1276AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TA1276AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
logo
Mitsubishi Electric Sem...
M51391ASP MITSUBISHI-M51391ASP Datasheet
985Kb / 13P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52039SP MITSUBISHI-M52039SP Datasheet
1Mb / 22P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52025SP MITSUBISHI-M52025SP Datasheet
994Kb / 18P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M51390ASP MITSUBISHI-M51390ASP Datasheet
1,010Kb / 14P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52016SP MITSUBISHI-M52016SP Datasheet
1Mb / 13P
   PAL/ NTSC VIDEO CHROMA DEFLECTION
M52778SP MITSUBISHI-M52778SP Datasheet
310Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Renesas Technology Corp
M52778SP RENESAS-M52778SP Datasheet
14Mb / 38P
   VIF,SIF,VIDEO,CHROMA,DEFLECTION FOR PAL/NTSC
logo
Mitsubishi Electric Sem...
M52779SP MITSUBISHI-M52779SP Datasheet
311Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Toshiba Semiconductor
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com