Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C32384 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C32384
Description  10-Bit, 2-Port BusSwitch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C32384 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C32384 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C32384 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C32384 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C32384 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
181
PS 7029A 03/13/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5B3384/3384C/32384 (25Ω
Ω)
10-BIT, 2-PORT BusSwitch
Product Description:
Pericom Semiconductor’s PI5C series of logic circuits are pro-
duced in the Company’s advanced sub-micron CMOS technology,
achieving industry performance.
The PI5C3384, PI5C3384C, and PI5C32384 are 10-bit, 2-port bus
switches designed with a low ON resistance allowing inputs to be
connected directly to outputs. The bus switch creates no additional
propagational delay or additional ground bounce noise. The switches
are turned ON by the Bus Enable (BE) input signal. Two bus enable
signals are provided, one for each of the upper and lower five bits
of the two 10-bit buses. The PI5C32384 is designed with an internal
25
Ω resistor reducing noise reflection in high-speed applications.
Product Pin Configuration
Product Pin Description
Pin Name
Description
BEA, BEB
Bus Enable Inputs (Active LOW)
A0-A9
Bus A
B0-A9
Bus B
GND
Ground
VCC
Power
Product Features:
• Near-zero propagation delay
• Low noise, 25
Ω version (PI5C32384)
•5
Ω switches connect inputs to outputs (PI5C3384)
Direct bus connection when switches are ON
Ultra-low quiescent power (0.2 µA typical)
– Ideally suited for notebook applications
• Packages available:
– 24-pin 300-mil wide plastic PDIP (P)
– 24-pin 150-mil wide plastic QSOP (Q)
– 24-pin 150-mil wide plastic TQSOP (R)
– 24-pin 300-mil wide plastic SOIC (S)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Function
BEA
BEB
B0-B4
B5-B9
Disconnect
H
H
Hi-Z
Hi-Z
Connect
L
H
A0-A4
Hi-Z
Connect
H
L
Hi-Z
A5-A9
Connect
L
L
A0-A4
A5-A9
Truth Table(1)
Logic Block Diagram
PI5C3384
PI5C3384C
PI5C32384 (25
Ω)
10-Bit, 2-Port BusSwitch
BEB
BEA
A9
A5
B9
B5
A4
A0
B4
B0
Note:
1. H
= High Voltage Level
X
= Don’t Care
L
= Low Voltage Level
Hi-Z = High Impedance
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
BEA
B0
A0
A1
B1
B2
A2
A3
B3
B4
A4
GND
Vcc
B9
A9
A8
B8
B7
A7
A6
B6
B5
A5
BEB


Similar Part No. - PI5C32384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C32390Q PERICOM-PI5C32390Q Datasheet
122Kb / 4P
   16-to-8 Multiplexer/Demultiplexer Bus Switch
PI5C32390QE PERICOM-PI5C32390QE Datasheet
122Kb / 4P
   16-to-8 Multiplexer/Demultiplexer Bus Switch
More results

Similar Description - PI5C32384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3384A PERICOM-PI5C3384A Datasheet
182Kb / 3P
   10-Bit, 2-Port BusSwitch
PI5C32X245 PERICOM-PI5C32X245 Datasheet
348Kb / 4P
   16-Bit, 2-Port BusSwitch
PI3B3863 PERICOM-PI3B3863 Datasheet
220Kb / 3P
   3.3V, 10-Bit, 2-Port BusSwitch with SSTL-2 Enable
PI3C3861 PERICOM-PI3C3861 Datasheet
157Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 10-Bit, 2-Port, BusSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
   3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
   3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI5C34X2245 PERICOM-PI5C34X2245 Datasheet
49Kb / 3P
   32-Bit, 2-Port BusSwitch with 25ohm Series Resistor
PI2BV3877 PERICOM-PI2BV3877 Datasheet
339Kb / 4P
   2-Port 266 MHz DDR BusSwitch
PI5C32X2245 PERICOM-PI5C32X2245 Datasheet
119Kb / 3P
   16-Bit, 2-Port BusSwitch with 25 ohm Series Resistor
PI5C16244 PERICOM-PI5C16244 Datasheet
38Kb / 3P
   16-Bit BusSwitch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com