Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86093488324785E1LF Datasheet(PDF) 1 Page - FCI connector

Part # 86093488324785E1LF
Description  DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C/2)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

86093488324785E1LF Datasheet(HTML) 1 Page - FCI connector

  86093488324785E1LF Datasheet HTML 1Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LINEAR ±0.1
A3
C-8609-2017
K Somasundaram
Mini K Vandanath
Rakhee George
D\ENGG\EURO\8609
Rakhee George
19/05/2005
(STRAIGHT SPILL DIN 41612 STYLE-C/2)
DIN STANDARD RECEPTACLE
19/05/2005
22/09/2004
22/09/2004
SEE TECH. SPEC.
ANGULAR ±1°
8609
b
a
22/09/2004
DRAWING NO. WAS C-8609-0103 REV. b
WITH HARPOONS
NO OPTION
a
I04-0100 MINI 09/11/2004
8609---8314--5XXXXX, 8609---8324--5XXXXX
8609 XXX XX XX XXX XXXXX YY XX
b
19/06/2005
TECHNICAL SPECIFICATION MODIFIED AND LEAD FREE NOTE ADDED.
b
I05-0042 MINI 19/05/2005
NOTES:-
1. THE ''LF'' PRODUCTS MEET EUROPEAN UNION DIRECTIVES AND OTHER COUNTRY REGULATIONS AS DESCRIBED IN GS-22-008
2. THE HOUSING WILL WITHSTAND EXPOSURE TO 260°C PEAK TEMPERATURE FOR 3.5 SECONDS IN A WAVE SOLDER APPLICATION
WITH A 1.6 MM MINIMUM THICK CIRCUIT BOARD
3. LEAD FREE OR RoHS DIRECTIVE LABELING TO BE PROVIDED AS PER GS-14-920 FOR LEAD FREE VERSION.
PDM: Rev:B
Released
.
STATUS:
Printed: Sep 09, 2005


Similar Part No. - 86093488324785E1LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
86093488613745000E1 FCI-CONNECTOR-86093488613745000E1 Datasheet
118Kb / 1P
   DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2)
86093488613745E1LF FCI-CONNECTOR-86093488613745E1LF Datasheet
118Kb / 1P
   DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2)
86093488613755000E1 FCI-CONNECTOR-86093488613755000E1 Datasheet
118Kb / 1P
   DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2)
86093488613755E1LF FCI-CONNECTOR-86093488613755E1LF Datasheet
118Kb / 1P
   DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2)
86093488613765000E1 FCI-CONNECTOR-86093488613765000E1 Datasheet
118Kb / 1P
   DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2)
More results

Similar Description - 86093488324785E1LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
8609XXX81X4XX5 FCI-CONNECTOR-8609XXX81X4XX5 Datasheet
228Kb / 1P
   DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C)
86093968114755V1LF FCI-CONNECTOR-86093968114755V1LF Datasheet
192Kb / 1P
   DIN STANDARD RECEPTACLE STRAIGHT SPILL DIN 41612 STYLE-C
8609XXX7113XX5 FCI-CONNECTOR-8609XXX7113XX5 Datasheet
213Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-C)
logo
Amphenol Communications...
C-8609-2364 AMPHENOLCS-C-8609-2364 Datasheet
165Kb / 1P
   DIN STANDARD HEADER ANGLED SPILL DIN 41612 STYLE-C/2 (HIGH TEMPERATURE VERSION)
Rev C
logo
FCI connector
8609XXX51137X5 FCI-CONNECTOR-8609XXX51137X5 Datasheet
201Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-B)
C-8609-2003 FCI-CONNECTOR-C-8609-2003 Datasheet
72Kb / 1P
   DIN STANDARD HEADER DIN 41612 STYLE C/2
logo
Amphenol Communications...
C-8609-2003 AMPHENOLCS-C-8609-2003 Datasheet
93Kb / 1P
   DIN STANDARD HEADER DIN 41612 STYLE C/2
Rev H
logo
FCI connector
8609XXX7313XX5 FCI-CONNECTOR-8609XXX7313XX5 Datasheet
214Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN41612 STYLE-C/2)
8609XXX8613XX5 FCI-CONNECTOR-8609XXX8613XX5 Datasheet
118Kb / 1P
   DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2)
logo
Molex Electronics Ltd.
0850420074 MOLEX9-0850420074 Datasheet
150Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com