Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2DEF19PBRF171 Datasheet(PDF) 2 Page - ITT Industries

Part # 2DEF19PBRF171
Description  The Centi Line - .075 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2DEF19PBRF171 Datasheet(HTML) 2 Page - ITT Industries

  2DEF19PBRF171 Datasheet HTML 1Page - ITT Industries 2DEF19PBRF171 Datasheet HTML 2Page - ITT Industries 2DEF19PBRF171 Datasheet HTML 3Page - ITT Industries 2DEF19PBRF171 Datasheet HTML 4Page - ITT Industries 2DEF19PBRF171 Datasheet HTML 5Page - ITT Industries 2DEF19PBRF171 Datasheet HTML 6Page - ITT Industries 2DEF19PBRF171 Datasheet HTML 7Page - ITT Industries 2DEF19PBRF171 Datasheet HTML 8Page - ITT Industries 2DEF19PBRF171 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
How to Order
SERIES
NOTE: Connectors may be ordered less contacts by adding the mod callout "FO" at end of number.
Contacts are then supplied in bulk form.
* Accommodates AWG #26 thru #22
2D
2D
E
AF
19
31
S
PBR * * * *
SERIES
2D - Double Density D
19, 31, 52, 79 and 100
BR - 90˚ right angle PCB mounting
(For BR Series use "P" to designate jackpost)
F171 - Jackpost assembly
F172 - Standard jackscrew
F173 - Low profile jackscrew
For other modifications consult factory
P - Pin
S - Socket
E, A, B, C and D
Omit if not required
SHELL SIZE
SHELL SIZE
FLOAT MOUNTS
FLOAT MOUNTS
CONTACT ARRANGEMENT
CONTACT ARRANGEMENT
CONTACT TYPE
CONTACT TYPE*
TERMINATION
TERMINATION
MODIFICATION
MODIFICATION
RoHS COMPLIANCE
R
Double Density D - .075" Contact Spacing
2D
The Double Density D is a rectangular connector in
the popular D Subminiature shell configuration
featuring double the contact density in the same
insert area. The Double Density D connector can
thus accommodate up to 100 contacts instead of 50.
This double contact density is achieved by using
field-proven, highly reliable CentipinTM/CentisocketTM
contacts on .075 (1.91) centers, in the positive con-
tact alignment design. In this design contact
positions are reversed; the flexible CentipinTM
contacts are recessed in the insulator and the more
rugged CentisocketTM contacts are exposed. This
reversal of positions, and the chamfered-entry of the
sockets, assures positive mating even under severe
misalignment conditions. The contacts are retained
in the monobloc insulator by a resilient internal
shoulder that snaps into a locking groove in the con-
tact. The chamfered front of the contact will not
damage the internal shoulder in the insulator.
Contacts are crimp removable type.
The Double Density D connector is available in the
five popular shell and insert sizes accommodating up
to 100 contacts. These connectors mate exclusively
with other Double Density D connectors. A wide
range of accessories can be used, including junction
shells, potting cups, switching shells, guide pin
plates, and dust caps.
1. STANDARD D HARDWARE-
2. ONE PIECE MONOBLOCK INSULATOR-
Including full range of D-Subminiature accessories
glass-filled nylon material
thermoplastic internal shoulder snaps into a locking groove in the contact.
seven outer wiping surfaces assure electrical continuity even under severe
shock and vibration
flexible pin is recessed in insulator cavity and rugged socket is exposed
assure alignment during mating and prevent scooping
Retention Force: 8 lbs. min. initially, 4 lbs. min. after 10 cycles.
3. CONTACT RETENTION-
4. TWIST PIN CONTACTS-
5. POSTIVE CONTACT ALIGNMENT-
6. GUIDE-IN KEYS AND KEYWAYS-
1
2
3
4
5
6
Specifications
WEIGHT
Part Number
by shell size
2DE19P
2DE19S
2DA31P
2DA31S
2DB52P
2DB52S
2DC79P
2DC79S
2DD100P
2DD100S
4.05
3.75
5.20
4.90
8.75
7.15
11.70
9.70
12.85
10.95
5.02
5.17
6.78
7.22
11.40
11.05
15.73
15.62
17.95
18.45
.142
.133
.183
.173
.308
.252
.413
.342
.453
.386
*Shell
Mounting Hardware
and Float Mounts
Insulator
Contacts
Alternate finish,
Modification Code
Steel, cadmium plated with yellow chro-
mate supplementary coating
Stainless steel
Glass-filled nylon
Copper alloy, gold plate
A106 Gold over brass
A156 Gold over brass
A197 Tin/Lead over steel
Sizes
Coupling
Polarization
Contact Spacing
Contact Termination
- Five shell sizes: E, A, B, C, and D
- Friction or jackscrew
- Keystone-shaped shells
- .075 (1.91)
- Crimp snap-in
*Brass non-magnetic also available
.177
.182
.239
.255
.402
.390
.555
.551
.633
.651
Weight (in gr.)
Less With Contacts
Weight (in oz.)
Less With Contacts
MATERIALS AND FINISHES
MECHANICAL FEATURES
-
-
-
-
-
60
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - 2DEF19PBRF171

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2DEA BOURNS-2DEA Datasheet
267Kb / 3P
   Integrated ESD Protection Diode Array
2DEA-2-Q24R BOURNS-2DEA-2-Q24R Datasheet
267Kb / 3P
   Integrated ESD Protection Diode Array
2DEA-2-Q24T BOURNS-2DEA-2-Q24T Datasheet
267Kb / 3P
   Integrated ESD Protection Diode Array
2DEB-2-W20R BOURNS-2DEB-2-W20R Datasheet
267Kb / 3P
   Integrated ESD Protection Diode Array
2DEB-2-W20T BOURNS-2DEB-2-W20T Datasheet
267Kb / 3P
   Integrated ESD Protection Diode Array
More results

Similar Description - 2DEF19PBRF171

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
FD235HFC829 ETC2-FD235HFC829 Datasheet
26Kb / 1P
   Please contact the vendor
PH-131 ETC2-PH-131 Datasheet
23Kb / 1P
   Please contact the vendor
logo
New Jersey Semi-Conduct...
MRF486 NJSEMI-MRF486 Datasheet
101Kb / 2P
   The RF Line
MRF497 NJSEMI-MRF497 Datasheet
92Kb / 2P
   The RF Line
logo
Motorola, Inc
MRF331 MOTOROLA-MRF331 Datasheet
149Kb / 4P
   The RF Line
logo
New Jersey Semi-Conduct...
MRF207 NJSEMI-MRF207 Datasheet
85Kb / 2P
   The RF Line
MRF230 NJSEMI-MRF230 Datasheet
86Kb / 2P
   The RF Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com