Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4156BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4156BCPZ
Description  6 GHz Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4156BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4156BCPZ Datasheet HTML 4Page - Analog Devices ADF4156BCPZ Datasheet HTML 5Page - Analog Devices ADF4156BCPZ Datasheet HTML 6Page - Analog Devices ADF4156BCPZ Datasheet HTML 7Page - Analog Devices ADF4156BCPZ Datasheet HTML 8Page - Analog Devices ADF4156BCPZ Datasheet HTML 9Page - Analog Devices ADF4156BCPZ Datasheet HTML 10Page - Analog Devices ADF4156BCPZ Datasheet HTML 11Page - Analog Devices ADF4156BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4156
Rev. 0 | Page 8 of 24
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 11. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
BUFFER
TO R COUNTER
REFIN
100kΩ
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
Figure 11. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 12. It is followed by a
2-stage limiting amplifier to generate the current-mode logic
(CML) clock levels needed for the prescaler.
BIAS
GENERATOR
1.6V
AGND
AVDD
RFINB
RFINA
2kΩ
2kΩ
Figure 12. RF Input Stage
RF INT DIVIDER
The RF INT counter allows a division ratio in the PLL feedback
counter. Division ratios from 23 to 4095 are allowed.
INT, FRAC, MOD, AND R RELATIONSHIP
The INT, FRAC, and MOD values, in conjunction with the
R counter, make it possible to generate output frequencies that
are spaced by fractions of the phase frequency detector (PFD).
See the RF Synthesizer: A Worked Example section for more
information. The RF VCO frequency (RFOUT) equation is
RFOUT = FPFD × (INT + (FRAC/MOD))
(1)
where RFOUT is the output frequency of external voltage
controlled oscillator (VCO).
FPFD = REFIN × [(1 + D)/(R × (1 + T))]
(2)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit.
T is the REFIN divide-by-2 bit (0 or 1).
R is the preset divide ratio of binary 5-bit programmable
reference counter (1 to 32).
INT is the preset divide ratio of binary 12-bit counter
(23 to 4095).
MOD is the preset fractional modulus (2 to 4095).
FRAC is the numerator of the fractional division (0 to MOD−1).
THIRD ORDER
FRACTIONAL
INTERPOLATOR
FRAC
VALUE
MOD
REG
INT
REG
RF N DIVIDER
N = INT + FRAC/MOD
FROM RF
INPUT STAGE
TO PFD
N COUNTER
Figure 13. RF INT Divider
RF R COUNTER
The 5-bit RF R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the PFD. Division ratios from 1 to 32 are allowed.


Similar Part No. - ADF4156BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4156BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com