Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA12J1GS2AQF7 Datasheet(PDF) 1 Page - ITT Industries

Part # DA12J1GS2AQF7
Description  Miniature Single Pole Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DA12J1GS2AQF7 Datasheet(HTML) 1 Page - ITT Industries

  DA12J1GS2AQF7 Datasheet HTML 1Page - ITT Industries DA12J1GS2AQF7 Datasheet HTML 2Page - ITT Industries DA12J1GS2AQF7 Datasheet HTML 3Page - ITT Industries DA12J1GS2AQF7 Datasheet HTML 4Page - ITT Industries DA12J1GS2AQF7 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
3
C&K DA Series
Miniature Single Pole Rocker Switches
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages 4 thru 6. For additional options not shown in catalog, consult Customer Service Center.
Specifications
CONTACT RATING:
UL/CSA: 16 AMPS @ 125 VAC, 1/3 HP;
10 AMPS @ 250 VAC, 1/2 HP.
VDE: 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC.
ELECTRICAL LIFE: 10,000 make and break cycles at full load.
INSULATION RESISTANCE: 108
Ω min.
DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
Features/Benefits
Nice actuator styling with
multiple options
Guards to prevent accidental
actuation
Momentary and maintained functions
IP65 splash proof rubber boot option
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish.
ILLUMINATED ACTUATOR: Polycarbonate, matte finish.
CENTER CONTACTS: Silver plated, copper alloy.
END CONTACTS: Silver plated AgSn02ln03.
ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Typical Applications
Small appliances
Computers and peripherals
Medical instrumentation
Lamp Rating
(NONE)
(STD.) No lamp
6
LED
7
125 VAC neon
8
250 VAC neon
Actuator
J1 Rocker
J2 Two-tone rocker
J3 Illuminated rocker
J4 Circle, illuminated rocker
J5 Oval, illuminated rocker
Switch Function
DA101 SPDT On-None-On
DA102 SPST On-None-Off
DA103 SPDT On-Off-On
DA12 * SPST On-None-Off
Actuator Color
2 (STD). Black
1 White
3 Red
R Red, illuminated
A Amber, illuminated
G Green, illuminated
Contact Rating
QF (STD.) Silver
Mounting Style/Color
S2 (STD.) Snap-in, black
S1 Snap-in, white
B2 Recessed snap-in bracket, black
G2 Guard, black
Actuator Marking
(NONE)
(STD.) No marking
D
ON-OFF
H
”O l” - international ON-OFF
N
Large dot
P
”O -” international ON-OFF
Termination
15 (STD.) .187” quick connect
17 Solder lug
02 Thru-hole
A
Right angle
*
DA12 - for switches with both marking and illumination


Similar Part No. - DA12J1GS2AQF7

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA12-050AU-M EMERSON-NETWORKPOWER-DA12-050AU-M Datasheet
603Kb / 4P
   Medical and ITE Safeties
logo
Artesyn Technologies
DA12-050AU-M ARTESYN-DA12-050AU-M Datasheet
2Mb / 6P
   Total Power: 12 Watts
DA12-050AU-M ARTESYN-DA12-050AU-M Datasheet
2Mb / 6P
   Medical and ITE Safeties
logo
Emerson Network Power
DA12-050EU-M EMERSON-NETWORKPOWER-DA12-050EU-M Datasheet
603Kb / 4P
   Medical and ITE Safeties
logo
Artesyn Technologies
DA12-050EU-M ARTESYN-DA12-050EU-M Datasheet
2Mb / 6P
   Total Power: 12 Watts
More results

Similar Description - DA12J1GS2AQF7

ManufacturerPart #DatasheetDescription
logo
C&K Components
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM21J12S205Q ITT-DM21J12S205Q Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM CK-COMPONENTS-DM Datasheet
851Kb / 8P
   Miniature 2 Pole Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com