Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD12401-400KWS Datasheet(PDF) 8 Page - Analog Devices

Part # AD12401-400KWS
Description  12-Bit, 400 MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401-400KWS Datasheet(HTML) 8 Page - Analog Devices

Back Button AD12401-400KWS Datasheet HTML 4Page - Analog Devices AD12401-400KWS Datasheet HTML 5Page - Analog Devices AD12401-400KWS Datasheet HTML 6Page - Analog Devices AD12401-400KWS Datasheet HTML 7Page - Analog Devices AD12401-400KWS Datasheet HTML 8Page - Analog Devices AD12401-400KWS Datasheet HTML 9Page - Analog Devices AD12401-400KWS Datasheet HTML 10Page - Analog Devices AD12401-400KWS Datasheet HTML 11Page - Analog Devices AD12401-400KWS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD12401
Rev. A | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Value
VA to AGND
5 V
VC to DGND
4 V
VD to DGND
1.6 V max
Analog Input Voltage
6 V (dc)
Analog Input Power
18 dBm (ac)
ENCODE Input Voltage
6 V (dc)
ENCODE Input Power
12 dBm (ac)
Logic Inputs
−0.3 V to +4 V
Storage Temperature Range, Ambient
−65°C to +150°C
Operating Temperature Range
0°C to 60°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
Table 6.
Level
Description
I
100% production tested.
II
100% production tested at 25°C and sample tested at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100%
production tested at temperature extremes for military devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD12401-400KWS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD12401 AD-AD12401_15 Datasheet
813Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
More results

Similar Description - AD12401-400KWS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD12400 AD-AD12400_15 Datasheet
618Kb / 24P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12401 AD-AD12401_15 Datasheet
813Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12400 AD-AD12400 Datasheet
403Kb / 28P
   12-Bit 400 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
   12-Bit, 10 MSPS A/D Converter
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
   12-Bit, 10 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com