Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9287 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9287
Description  Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9287 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9287 Datasheet HTML 4Page - Analog Devices AD9287 Datasheet HTML 5Page - Analog Devices AD9287 Datasheet HTML 6Page - Analog Devices AD9287 Datasheet HTML 7Page - Analog Devices AD9287 Datasheet HTML 8Page - Analog Devices AD9287 Datasheet HTML 9Page - Analog Devices AD9287 Datasheet HTML 10Page - Analog Devices AD9287 Datasheet HTML 11Page - Analog Devices AD9287 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AD9287
Rev. 0 | Page 8 of 52
DCO–
DCO+
D–
D+
FCO–
FCO+
AIN
CLK–
CLK+
LSB
N – 10
D0
N – 10
D1
N – 10
D2
N – 10
D3
N – 10
D4
N – 10
D5
N – 10
D6
N – 10
N – 1
tA
N
tDATA
tFRAME
tFCO
tPD
tCPD
tEH
tEL
LSB
N – 10
D0
N – 10
D1
N – 10
D2
N – 10
D3
N – 10
D4
N – 10
Figure 4. 8-Bit Data Serial Stream, LSB First


Similar Part No. - AD9287

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9287 AD-AD9287 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9287-100EB1 AD-AD9287-100EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9287-100EBZ AD-AD9287-100EBZ Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9287ABCPZ-100 AD-AD9287ABCPZ-100 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9287ABCPZRL7-100 AD-AD9287ABCPZRL7-100 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
More results

Similar Description - AD9287

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9653 AD-AD9653 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com