Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7090-05-BH-V1-R1 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7090-05-BH-V1-R1
Description  Network Interface Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7090-05-BH-V1-R1 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7090-05-BH-V1-R1 Datasheet HTML 1Page - Bourns Electronic Solutions 7090-05-BH-V1-R1 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Expands to add POTS lines, DSL or both
Manufactured from high-impact resistant,
ultraviolet-desensitized, flame retardant,
UL Recognized plastic
Optional sealed switching jacks with
Insulation DIsplacement Connectors
(IDCs)
Subscriber lockable with Telco override
7090 Series – Network Interface Device
How To Order
Bourns® 7090 NID provides a secure and weather resistant enclosure for Telco service for residential or commercial installa-
tions. The 7090 supplies station protection and test access points and can be configured for a maximum of six POTS lines or
three lines with DSL. The 7090 features plenty of working space for wire management.
Convenient ground attachment
Listed per UL 497 (File: E53117)
Model Number Designator
Number of Twisted Pairs
1 = One
3 = Three
5 = Five
2 = Two
4 = Four
6 = Six
Station Protector Options
D1 = 455HS-MSP (2377-45-HS) Voice / DSL / Data (UL, cUL)
Z1 = 455HS-BC* (2377-45-BC) Balance-Sensitive DSL (UL, cUL)
E2 = 155HS-MSP (2378-35-HS) Voice / DSL / Data (UL, cUL)
Y2 = 155HS-BC* (2378-35-BC) Balance-Sensitive DSL (UL, cUL)
B = 125EW (2374-01) Dual Gas Tube (UL, cUL, Telcordia)
C = 125EW-R (2375-01) Dual Gas Tube (UL, cUL, RUS)
L = 356M (2377-01) Balanced Gas Tube (UL, cUL, RUS)
M = J130S (2380-27-01) Solid State Protector (UL, cUL)
T = Tii355M
O = No Station Protectors (Not available with DSL Configurations)
*For DSL systems requiring capacitive balance within 1 pF.
Note 1 = Digi.Guard - 356 size, RUS Maximum Duty
Note 2 = Digi.Guard II - 125 size, RUS Heavy Duty
Special Options
G = Security Screw in Telco Cover
H =
Security Screw in security plate
S =
Sealed Switching Jack w/IDC (85122-T-IDC)
F =
Sealed Switching Jack 4-Post (85122-T4)
B =
Expansion Bridge w/Binding Posts (85122-B)
I =
Expansion Bridge w/IDC (85122-IDC)
O =
No options (standard 85122 jack)
DSL Options
A1 = (1) 3610A ADSL POTS Splitter
P1 = (1) 3610A2 DSL 2+ POTS Splitter
V1 = (1) 3630A VDSL POTS Splitter
A2 = (2) 3610A ADSL POTS Splitters
P2 = (2) 3610A2 DSL 2+ POTS Splitters
V2 = (2) 3630A VDSL POTS Splitters
A3 = (3) 3610A ADSL POTS Splitters
P3 = (3) 3610A2 DSL 2+ POTS Splitters
V3 = (3) 3630A VDSL POTS Splitters
DSL Configuration Note:
The 3610A, 3610A2 and 3630A must be ordered with options D, Z, E or Y Station Protectors. 7090 NIDs ordered with DSL units
will include Special Option F (4-post sealed switching jacks). Example: 7090-01-EF-A1
DSL Equalization Option
R1 = (1) 3660 Equalization Module
To add lines, use station protector +
85122
Standard Jack (Not available with DSL configurations)
85122-T4
Sealed Switching Jack, 4-post
85122-T-IDC Sealed Switching Jack w/IDC
7090 - 0X - X X - XX - XX
UL
®


Similar Part No. - 7090-05-BH-V1-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7090-37 ETC-7090-37 Datasheet
208Kb / 2P
   Discrete Single Port 10/100 Base-T PDSO-G16
11-Nov-08
More results

Similar Description - 7090-05-BH-V1-R1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7091 BOURNS-7091 Datasheet
393Kb / 2P
   Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
   Network Interface Device
708X BOURNS-708X Datasheet
393Kb / 1P
   Network Interface Device
7032 BOURNS-7032 Datasheet
254Kb / 2P
   Network Interface Device
7004C BOURNS-7004C Datasheet
334Kb / 2P
   Network Interface Device
7004C BOURNS-7004C_12 Datasheet
259Kb / 2P
   Network Interface Device
7004C-0-DH-15 BOURNS-7004C-0-DH-15 Datasheet
259Kb / 2P
   Network Interface Device
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
logo
PMC-Sierra, Inc
PM7344 PMC-PM7344 Datasheet
1Mb / 293P
   SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com