Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100B0R3BW Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 100B0R3BW
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

100B0R3BW Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  100B0R3BW Datasheet HTML 1Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 2Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 3Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 4Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 5Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 6Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 7Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 8Page - Freescale Semiconductor, Inc 100B0R3BW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MW4IC2230NBR1 MW4IC2230GNBR1
3
RF Device Data
Freescale Semiconductor
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical Performances (In Freescale Reference Application Circuit tuned for 2-carrier W-CDMA signal) VDD = 28 Vdc,
Pout = 0.4 W Avg., IDQ1 = 60 mA, IDQ2 = 400 mA, IDQ3 = 245 mA, f1 = 2112.5 MHz, f2 = 2122.5 MHz and f1 = 2157.5 MHz, f2 = 2167.5 MHz,
2-carrier W-CDMA, 3.84 MHz Channel Bandwidth Carriers. ACPR measured in 3.84 MHz Channel Bandwidth @ ±5 MHz Offset. IM3
measured in 3.84 MHz Channel Bandwidth @ ±10 MHz Offset. PAR = 8.5 dB @ 0.01% Probability on CCDF.
Power Gain
Gps
31.5
dB
Intermodulation Distortion
IM3
-52
dBc
Adjacent Channel Power Ratio
ACPR
-55
dBc
Input Return Loss
IRL
-26
dB


Similar Part No. - 100B0R3BW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
100B0R3BW NXP-100B0R3BW Datasheet
694Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 8, 5/2006
100B0R3BW NXP-100B0R3BW Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
100B0R3BW NXP-100B0R3BW Datasheet
767Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
More results

Similar Description - 100B0R3BW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com