Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW4IC2230GNBR1 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MW4IC2230GNBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW4IC2230GNBR1 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MW4IC2230GNBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW4IC2230GNBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW4IC2230GNBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW4IC2230GNBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW4IC2230GNBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW4IC2230GNBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW4IC2230GNBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW4IC2230GNBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW4IC2230GNBR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MW4IC2230NBR1 MW4IC2230GNBR1
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
24
33
50
2
Actual
P1dB = 45.3 dBm (34 W)
Ideal
Pin, INPUT POWER (dBm)
Figure 9. Output Power versus Input Power
VDD = 28 Vdc
IDQ1 = 60 mA, IDQ2 = 350 mA, IDQ3 = 265 mA,
Pulsed CW, 8
μsec(on), 1 msec(off)
f = 2140 MHz
P3dB = 46.3 dBm (43 W)
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
6
4
8
10
12
14
16
18
20
22
2300
1.50
2.00
1950
f, FREQUENCY (MHz)
Figure 10. Delay versus Frequency
VDD = 28 Vdc, Small Signal
IDQ1 = 60 mA, IDQ2 = 350 mA, IDQ3 = 265 mA
1.95
1.90
1.80
1.75
1.70
1.65
1.60
1.55
2000
2050
2100
2150
2200
2250
190
1.E+09
90
100
110
120
130
140
150
160
170
180
1.E+08
1.E+05
1.E+04
TJ, JUNCTION TEMPERATURE (°C)
Figure 11. MTTF Factor versus Temperature Junction
This above graph displays calculated MTTF in hours x ampere2
drain current. Life tests at elevated temperatures have correlated to
better than
±10% of the theoretical prediction for metal failure. Divide
MTTF factor by ID2 for MTTF in a particular application.
3rd Stage
2nd Stage
1st Stage
1.E+07
1.E+06
1.85


Similar Part No. - MW4IC2230GNBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230GMBR1 MOTOROLA-MW4IC2230GMBR1 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW4IC2230GMBR1 NXP-MW4IC2230GMBR1 Datasheet
767Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
More results

Similar Description - MW4IC2230GNBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com