Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW4IC2230NBR1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MW4IC2230NBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW4IC2230NBR1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MW4IC2230NBR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MW4IC2230NBR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW4IC2230NBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW4IC2230NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW4IC2230NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW4IC2230NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW4IC2230NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW4IC2230NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW4IC2230NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
Freescale Semiconductor
MW4IC2230NBR1 MW4IC2230GNBR1
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +8
Vdc
Storage Temperature Range
Tstg
-65 to +175
°C
Operating Channel Temperature
TJ
200
°C
Input Power
Pin
20
dBm
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1)
Unit
Thermal Resistance, Junction to Case
Stage 1
Stage 2
Stage 3
RθJC
10.5
5.1
2.3
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
2 (Minimum)
Machine Model
M3 (Minimum)
Charge Device Model
C5 (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
3
260
°C
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ1 = 60 mA, IDQ2 = 350 mA, IDQ3 = 265 mA,
Pout = 0.4 W Avg., f = 2110 MHz, f = 2170 MHz, Single-carrier W-CDMA. ACPR measured in 3.84 MHz Channel Bandwidth @ ±5 MHz
Offset. PAR = 8.5 dB @ 0.01% Probability on CCDF.
Power Gain
Gps
29
31.5
dB
Input Return Loss
IRL
-25
-10
dB
Adjacent Channel Power Ratio
Pout = 0.4 W Avg.
Pout = 1.26 W Avg.
ACPR
-53.5
-52
-50
dBc
Typical Performances (In Freescale Test Fixture tuned for 0.4 W Avg. W-CDMA driver) VDD = 28 Vdc, IDQ1 = 60 mA, IDQ2 = 350 mA,
IDQ3 = 265 mA, 2110 MHz<Frequency <2170 MHz
Saturated Pulsed Output Power
(f = 1 kHz, Duty Cycle 10%)
Psat
43
W
Quiescent Current Accuracy over Temperature (-10 to 85°C) (2)
ΔIQT
±5
%
Gain Flatness in 30 MHz Bandwidth
GF
0.13
dB
Deviation from Linear Phase in 30 MHz Bandwidth
Φ
±1
°
Delay @ Pout = 0.4 W CW Including Output Matching
Delay
1.6
ns
Part-to-Part Phase Variation
ΔΦ
±15
°
1. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
2. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family. Go to http://www.freescale.com/rf. Select
Documentation/Application Notes - AN1977.
(continued)


Similar Part No. - MW4IC2230NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW4IC2230 NXP-MW4IC2230 Datasheet
767Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
logo
Motorola, Inc
MW4IC2230GMBR1 MOTOROLA-MW4IC2230GMBR1 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW4IC2230GMBR1 NXP-MW4IC2230GMBR1 Datasheet
767Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
logo
Motorola, Inc
MW4IC2230MBR1 MOTOROLA-MW4IC2230MBR1 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MW4IC2230NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com