Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7327 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS7327
Description  3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7327 Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS7327 Datasheet HTML 10Page - Texas Instruments THS7327 Datasheet HTML 11Page - Texas Instruments THS7327 Datasheet HTML 12Page - Texas Instruments THS7327 Datasheet HTML 13Page - Texas Instruments THS7327 Datasheet HTML 14Page - Texas Instruments THS7327 Datasheet HTML 15Page - Texas Instruments THS7327 Datasheet HTML 16Page - Texas Instruments THS7327 Datasheet HTML 17Page - Texas Instruments THS7327 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
OPERATING VOLTAGE
INPUT VOLTAGE
THS7327
SLOS502 – SEPTEMBER 2006
The THS7327 is targeted for RGB + HV sync video buffer applications. Although it can be used for numerous
other applications, the needs and requirements of the video signal is the most important design parameter of the
THS7327. Built on the complimentary Silicon Germanium (SiGe) BiCom-3 process, the THS7327 incorporates
many features not typically found in integrated video parts while consuming low power. Each channel
configuration is completely independent of the other channels. This allows for ANY configuration for each
channel to be dictated by the end user rather than the device — resulting in a highly flexible system. The
THS7327 has the following features:
I2C Interface for easy interfacing to the system
Single-supply 2.7-V to 5-V operation with low quiescent current of 100-mA at 3.3-V
2:1 input MUX
Input configuration accepting dc, dc + shift, ac bias, or ac sync-tip clamp selection.
Unity Gain Buffer path to drive ADC/Scalar/Decoder.
Selectable 5th-order low-pass filter on buffer path for DAC reconstruction or ADC image rejection:
– 9-MHz for SDTV NTSC and 480i, PAL/SECAM and 576i, and S-Video signals.
– 16-MHz for EDTV 480p and 576p Y'P'BP'R signals and R'G'B' (G'B'R') VGA signals.
– 35-MHz for HDTV 720p and 1080i Y’P’BP’R signals and R'G'B' SVGA and XGA signals.
– 75-MHz for HDTV 1080p and R’G’B’ SXGA signals.
– Bypass mode for passing R'G'B' UXGA, QXGA or higher signals.
Monitor Pass-thru path has an internal fixed gain of 2V/V (6 dB) amplifier that can drive 2 video lines with dc
coupling, traditional ac coupling, or SAG corrected ac coupling.
While disabled, the Monitor Pass-Thru path has a high output impedance (>500 k
Ω || 8 pF)
Power Up Control (PUC) allows the THS7327 to be fully disabled or have the Monitor Pass-Thru function
(with AC-Bias mode on all channels) enabled upon initial power-up.
MUX is controlled by either I2C or GPIO pin based on the MUX Mode pin logic.
H and V Sync paths have an externally adjustable Schmitt Trigger threshold
Disable mode which reduces quiescent current to as low as 0.1-
µA.
The THS7327 is designed to operate from 2.7 V to 5 V over a -40
°C to 85°C temperature range. The impact on
performance over the entire temperature range is negligible due to the implementation of thin film resistors and
low-temperature coefficient capacitors.
The power supply pins should have a 0.1-
µF to 0.01-µF capacitor placed as close as possible to these pins.
Failure to do so may result in the THS7327 outputs ringing or oscillating. Additionally, a large capacitor, such as
22
µF to 100 µF, should be placed on the power supply line to minimize issues with 50-Hz/60-Hz line
frequencies.
The THS7327 input range allows for an input signal range from ground to about (VS+ - 1.6 V). But, due to the
internal fixed gain of 2V/V (6 dB), the output is generally the limiting factor for the allowable linear input range.
For example, with a 5-V supply, the linear input range is from GND to 3.4 V. But due to the gain, the linear
output range limits the allowable linear input range to be from GND to at most 2.5 V.
14
Submit Documentation Feedback


Similar Part No. - THS7327

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCR TI-THS7320IYHCR Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCT TI-THS7320IYHCT Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
More results

Similar Description - THS7327

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com