Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7327 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS7327
Description  3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7327 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS7327 Datasheet HTML 4Page - Texas Instruments THS7327 Datasheet HTML 5Page - Texas Instruments THS7327 Datasheet HTML 6Page - Texas Instruments THS7327 Datasheet HTML 7Page - Texas Instruments THS7327 Datasheet HTML 8Page - Texas Instruments THS7327 Datasheet HTML 9Page - Texas Instruments THS7327 Datasheet HTML 10Page - Texas Instruments THS7327 Datasheet HTML 11Page - Texas Instruments THS7327 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
THS7327
SLOS502 – SEPTEMBER 2006
ELECTRICAL CHARACTERISTICS, V
A = VDD = 5 V (continued)
R
L = 150Ω || 5pF to GND for Monitor Output, 19kΩ || 8pF Load to GND for ADC Buffer, ADC Buffer Filter = 9MHz, SAG pin
shorted to Monitor Output Pin (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
–40
°C to
25
°C
25
°C
UNITS
MIN/MAX
70
°C
85
°C
OUTPUT CHARACTERISTICS – BUFFER OUTPUT
High Output Voltage Swing (Limited by input
3.4
3.1
3
3
V
Min
range and G = 0dB)
Load = 19k
Ω||8pF to Midrail
Low Output Voltage Swing (Limited by input
0.14
0.24
0.27
0.28
V
Max
range and G = 0dB)
Sourcing
RL = 10
Ω to GND
110
85
80
75
mA
Min
Output Current
Sinking
RL = 10
Ω to Midrail
80
85
80
75
mA
Min
POWER SUPPLY – ANALOG
Maximum operating voltage
VA
5
5.5
5.5
5.5
V
Max
Minimum operating voltage
VA
5
2.7
2.7
2.7
V
Min
Maximum quiescent current
VA, DC+Shift Mode, Vin = 100 mV
118
145
148
150
mA
Max
Minimum quiescent current
VA, DC+Shift Mode, Vin = 100 mV
118
95
92
90
mA
Min
Power supply rejection (+PSRR)
Buffer Output
46
dB
Typ
POWER SUPPLY – DIGITAL
Maximum operating voltage
VDD
5
5.5
5.5
5.5
V
Max
Minimum operating voltage
VDD
5
2.7
2.7
2.7
V
Min
Maximum quiescent current
VDD, Vin = 0 V
1
2
3
3
mA
Max
Minimum quiescent current
VDD, Vin = 0 V
1
0.5
0.4
0.4
mA
Min
DISABLE CHARACTERISTICS – ALL CHANNELS DISABLED
Quiescent current
All channels disabled (4)
1
µA
Typ
Turn-on time delay (tON)
5
µs
Typ
Time for ls to reach 50% of final value after I2C
control is initiated
Turn-on time delay (tOFF)
2
µs
Typ
HV SYNC CHARACTERISTICS(5)
Schmitt Trigger Adj. Pin Voltage
Reference for Schmitt Trigger
1.55
1.45/1.65
1.4/1.7
1.37/1.73
V
Min/Max
Schmitt Trigger Threshold Range
Allowable range for Sch. Trig. Adj.
0.9 to 2
V
Typ
Positive Going Input Voltage Threshold Relative to
Schmitt Trigger VT+
0.25
V
Typ
Schmitt Trigger Threshold
Schmitt Trigger VT–
Negative Going Input Voltage Threshold Relative to
-0.3
V
Typ
Schmitt Trigger Threshold
Schmitt Trigger Threshold Pin Input
10
k
Typ
Input Resistance into Control Pin
Resistance
H V Sync Input Impedance
10
M
Typ
H V Sync High Output Voltage
1k
Ω to GND
4.8
4.7
4.6
4.6
V
Min
H V Sync Low Output Voltage
1k
Ω to GND
0.01
0.05
0.1
0.1
V
Max
H V Sync Source Current
10
Ω to GND
90
60
55
55
mA
Min
H V Sync Sink Current
10
Ω to VDD
50
30
27
25
mA
Min
H V Delay
Delay from Input to Output
6.5
ns
Typ
H V to Buffer Output Skew
No Filter on Buffer Channel
5
ns
Typ
(4)
Note that the I2C circuitry is still active while in Disable mode. The current shown is while there is no activity with the THS7327’s I2C
circuitry.
(5)
Schmitt Trigger threshold is defined by (VT+ – VT–)/2.
8
Submit Documentation Feedback


Similar Part No. - THS7327

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCR TI-THS7320IYHCR Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCT TI-THS7320IYHCT Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
More results

Similar Description - THS7327

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com