Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


YD1316 Datasheet(PDF) 2 Page - Wuxi Youda electronics Co.,LTD

Part No. YD1316
Description  2W DUAL CHANNEL AUDIO POWER AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YOUDA [Wuxi Youda electronics Co.,LTD]
Homepage  http://www.e-youda.com/
Logo 

   
 2 page
background image
YOUDA INTEGRATED CIRCUIT
YD1316
ABSOLUTE MAXIMUM RATINGS
(Tamb=25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage (No signal)
VCC
18
V
Supply Voltage (operating)
VCC
16
V
Peak Output Current
Iop
1.25
A
80*60*1.2mm
3
PCB
PD1
3.0
W
Power
Dissipation
No Heat Sink
PD2
1.5
W
Operating Temperature
Topr
-20 to +75
Storage Temperature
Tstg
-55 to 150
ELECTRICAL CHARACTERISTICS
(Tamb=25℃, VCC=9V, RL=8Ω, Rf=120Ω, f=1kHz , Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Circuit
Current
Iccq
No Signal
10
mA
Po=0.25W, Rf=33Ω
44
Voltage Gain
GV
Po=0.25W, Rf=120Ω
34
dB
VCC=12V, RL=8Ω, THD=10%
2
VCC=9V, RL=4Ω, THD=10%
1.6
VCC=9V, RL=8Ω, THD=10%
1.2
VCC=6V, RL=4Ω, THD=10%
0.7
Output Power
Po
VCC=6V, RL=8Ω, THD=10%
0.5
W
Po= 0.5W, Rf=33Ω
0.8
1.0
Total Harmonic
Distortion
THD
Po=0.5W, Rf=120Ω
0.4
%
Noise Output Voltage
VNO
Rg=10kΩ
0.6
4
mV
Ripple Rejection
RR
Rg=0, fr=100Hz, Vr=0.3V
50
dB
Cross Talk
CT
Rg=0, Po=0.25W
55
dB
Channel Balance
ΔG
V
Crip
-2
0
2
dB
Input Resistance
Zi
5
WuXi YouDa Electronics Co., Ltd
2 of 3
Website: www.e-youda.com




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1331Integrated Circuit Module - Dual Audio Power Amplifier 25W/Channel 2 Power Supplies Required 1 2 NTE Electronics
NTE1850Integrated Circuit Dual 12W/Channel Audio Power Amplifier 1 2 3 NTE Electronics
NTE1368Integrated Circuit Dual Audio Power Amplifier 5.8W/Channel 1 2 NTE Electronics
KIA3281HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
YD2822DUAL CHANNEL POWER AMPLIFIER 1 2 3 4 5 Wuxi Youda electronics Co.,LTD
LM1876Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4880Dual 250 mW Audio Power Amplifier with Shutdown Mode 1 2 3 4 5 MoreNational Semiconductor (TI)
AN7124Dual 3.1 W Audio Power Amplifier 1 2 3 4 5 Panasonic Semiconductor
AN7191NZDual 20 W BTL audio power amplifier 1 2 3 4 5 MorePanasonic Semiconductor
TAA4100FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl