Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


YD1316 Datasheet(PDF) 1 Page - Wuxi Youda electronics Co.,LTD

Part No. YD1316
Description  2W DUAL CHANNEL AUDIO POWER AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YOUDA [Wuxi Youda electronics Co.,LTD]
Homepage  http://www.e-youda.com/
Logo 

   
 1 page
background image
YOUDA INTEGRATED CIRCUIT
YD1316
2W DUAL CHANNEL
AUDIO POWER AMPLIFIER—YD1316
DESCRIPTION
The YD1316 is a monolithic integrated circuit designed for the audio amplifier in tape recorders and radio.
FEATURES
*Wide operating voltage
(Vcc=3V to 16V);
*Low quiescent current;
*Low Harmonic distortion;
*Large output power (Po=2W×2, maximum, VCC=12V, RL=8Ω, THD=10%);
*Fine ripple rejection characteristic.
BLOCK DIAGRAM
1234567
8
9
10
11
12
13
14
TAB
GND
Vcc
NC
WuXi YouDa Electronics Co., Ltd
Add:
No.5 Xijin Road, National Hi-Tech Industrial Development Zone, Wuxi Jiangsu China
Tel:
86-510-85205117
86-510-85205106
Fax:
86-510-85205110
Website: www.e-youda.com
SHENZHEN OFFICE
Tel: 86-755-83740369
Fax: 86-755-83741418
Ver
5.0
1 of 3
2006-06-28




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1331Integrated Circuit Module - Dual Audio Power Amplifier 25W/Channel 2 Power Supplies Required 1 2 NTE Electronics
NTE1850Integrated Circuit Dual 12W/Channel Audio Power Amplifier 1 2 3 NTE Electronics
NTE1368Integrated Circuit Dual Audio Power Amplifier 5.8W/Channel 1 2 NTE Electronics
KIA3281HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
YD2822DUAL CHANNEL POWER AMPLIFIER 1 2 3 4 5 Wuxi Youda electronics Co.,LTD
LM1876Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4880Dual 250 mW Audio Power Amplifier with Shutdown Mode 1 2 3 4 5 MoreNational Semiconductor (TI)
AN7124Dual 3.1 W Audio Power Amplifier 1 2 3 4 5 Panasonic Semiconductor
AN7191NZDual 20 W BTL audio power amplifier 1 2 3 4 5 MorePanasonic Semiconductor
TAA4100FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl