Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7091-01-DH2-V2 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 7091-01-DH2-V2
Description  Network Interface Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7091-01-DH2-V2 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  7091-01-DH2-V2 Datasheet HTML 1Page - Bourns Electronic Solutions 7091-01-DH2-V2 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Number of 3610A ADSL* POTS Splitters Installed
NONE
ONE
TWO
Number of
1
7091-01-XXX
7091-01-XFX-A1
N/A
Twisted
2
7091-02-XXX
7091-02-XFX-A1
7091-02-XFX-A2
Pair Lines
3
7091-03-XXX
7091-03-XFX-A1
N/A\
4
7091-04-XXX
N/A
N/A
7091 Series – Network Interface Device
Configuration Information
NO COAX
* For 3630A VDSL, replace A1 / A2 with V1 / V2
Number of 3610A ADSL* POTS Splitters Installed
NONE
ONE
TWO
Number of
1
7091-31-XXX
7091-31-XFX-A1
N/A
Twisted
2
7091-32-XXX
7091-32-XFX-A1
7091-32-XFX-A2
Pair Lines
3
7091-33-XXX
7091-33-XFX-A1
N/A\
4
7091-34-XXX
N/A
N/A
ONE COAX
* For 3630A VDSL, replace A1 / A2 with V1 / V2
Number of 3610A ADSL* POTS Splitters Installed
NONE
ONE
TWO
Number of
1
7091-41-XXX
7091-41-XFX-A1
N/A
Twisted
2
7091-42-XXX
7091-42-XFX-A1
7091-42-XFX-A2
Pair Lines
3
7091-44-XXX
7091-43-XFX-A1
N/A\
4
7091-44-XXX
N/A
N/A
TWO COAX
* For 3630A VDSL, replace A1 / A2 with V1 / V2
Important DSL Ordering Notes:
3610A or 3630A DSL POTS Splitters must
be ordered with Station Protector Options
D, Z, E or Y only.
7090 NIDs ordered with either 3610A or
3630A will include Special Option F
(sealed 4-post switching jack).
Specifications are subject to change without notice.
Asia-Pacific:
TEL +886- (0)2 25624117
FAX +886- (0)2 25624116
Europe:
TEL +41-41 7685555
FAX +41-41 7685510
North America:
TEL +1-909 781-5500
FAX +1-909 781-5700
bourns.com
COPYRIGHT© 2002, BOURNS, INC. LITHO IN U.S.A. IP 06/02 G0242
Reliable Electronic Solutions


Similar Part No. - 7091-01-DH2-V2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7091.1510 SCHURTER-7091.1510 Datasheet
236Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
7091.1510 SCHURTER-7091.1510 Datasheet
239Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
7091.1520 SCHURTER-7091.1520 Datasheet
236Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
7091.1520 SCHURTER-7091.1520 Datasheet
239Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
7091.4210 SCHURTER-7091.4210 Datasheet
276Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal or vertical
More results

Similar Description - 7091-01-DH2-V2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7090 BOURNS-7090 Datasheet
460Kb / 2P
   Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
   Network Interface Device
708X BOURNS-708X Datasheet
393Kb / 1P
   Network Interface Device
7032 BOURNS-7032 Datasheet
254Kb / 2P
   Network Interface Device
7004C BOURNS-7004C Datasheet
334Kb / 2P
   Network Interface Device
7004C BOURNS-7004C_12 Datasheet
259Kb / 2P
   Network Interface Device
7004C-0-DH-15 BOURNS-7004C-0-DH-15 Datasheet
259Kb / 2P
   Network Interface Device
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
logo
PMC-Sierra, Inc
PM7344 PMC-PM7344 Datasheet
1Mb / 293P
   SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com