Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCF30 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BCF30
Description  PNP general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCF30 Datasheet(HTML) 5 Page - NXP Semiconductors

  BCF30 Datasheet HTML 1Page - NXP Semiconductors BCF30 Datasheet HTML 2Page - NXP Semiconductors BCF30 Datasheet HTML 3Page - NXP Semiconductors BCF30 Datasheet HTML 4Page - NXP Semiconductors BCF30 Datasheet HTML 5Page - NXP Semiconductors BCF30 Datasheet HTML 6Page - NXP Semiconductors BCF30 Datasheet HTML 7Page - NXP Semiconductors BCF30 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 May 22
5
Philips Semiconductors
Product specification
PNP general purpose transistors
BCF29; BCF30
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BCF30

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BCF30 DIOTEC-BCF30 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BCF30 KEXIN-BCF30 Datasheet
40Kb / 2P
   PNP General Purpose Transistors
More results

Similar Description - BCF30

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com