Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1460AV25-200 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1460AV25-200
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460AV25-200 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1460AV25-200 Datasheet HTML 4Page - Cypress Semiconductor CY7C1460AV25-200 Datasheet HTML 5Page - Cypress Semiconductor CY7C1460AV25-200 Datasheet HTML 6Page - Cypress Semiconductor CY7C1460AV25-200 Datasheet HTML 7Page - Cypress Semiconductor CY7C1460AV25-200 Datasheet HTML 8Page - Cypress Semiconductor CY7C1460AV25-200 Datasheet HTML 9Page - Cypress Semiconductor CY7C1460AV25-200 Datasheet HTML 10Page - Cypress Semiconductor CY7C1460AV25-200 Datasheet HTML 11Page - Cypress Semiconductor CY7C1460AV25-200 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PRELIMINARY
CY7C1462AV25
CY7C1464AV25
CY7C1460AV25
Document #: 38-05354 Rev. *A
Page 8 of 27
Write Cycle Description table for details) inputs is latched into
the device and the write is complete.
The data written during the Write operation is controlled by BW
(BWa,b,c,d,e,f,g,h
for
CY7C1464AV25,
BWa,b,c,d
for
CY7C1460AV25 and BWa,b for CY7C1462AV25) signals. The
CY7C1460AV25/CY7C1462AV25/CY7C1464AV25 provides
byte write capability that is described in the Write Cycle
Description table. Asserting the Write Enable input (WE) with
the selected Byte Write Select (BW) input will selectively write
to only the desired bytes. Bytes not selected during a byte
write operation will remain unaltered. A synchronous
self-timed write mechanism has been provided to simplify the
write operations. Byte write capability has been included in
order to greatly simplify Read/Modify/Write sequences, which
can be reduced to simple byte write operations.
Because the CY7C1460AV25/CY7C1462AV25/ CY7C1464AV25
are common I/O devices, data should not be driven into the
device while the outputs are active. The Output Enable (OE)
can be deasserted HIGH before presenting data to the DQ and
DQP (DQa,b,c,d,e,f,g,h/DQPa,b,c,d,e,f,g,h for CY7C1464AV25,
DQa,b,c,d/DQPa,b,c,d for CY7C1460AV25 and DQa,b/DQPa,b
for CY7C1462AV25) inputs. Doing so will three-state the
output drivers. As a safety precaution, DQ and DQP
(DQa,b,c,d,e,f,g,h/
DQPa,b,c,d,e,f,g,h
for
CY7C1464AV25,
DQa,b,c,d/DQPa,b,c,d for CY7C1460AV25 and DQa,b/DQPa,b
for CY7C1462AV25) are automatically three-stated during the
data portion of a write cycle, regardless of the state of OE.
Burst Write Accesses
The CY7C1460AV25/CY7C1462AV25/CY7C1464AV25 has
an on-chip burst counter that allows the user the ability to
supply a single address and conduct up to four WRITE opera-
tions without reasserting the address inputs. ADV/LD must be
driven LOW in order to load the initial address, as described
in the Single Write Access section above. When ADV/LD is
driven HIGH on the subsequent clock rise, the chip enables
(CE1, CE2, and CE3) and WE inputs are ignored and the burst
counter is incremented. The correct BW (BWa,b,c,d,e,f,g,h for
CY7C1460AV25, BWa,b,c,d for CY7C1460AV25 and BWa,b for
CY7C1462AV25) inputs must be driven in each cycle of the
burst write in order to write the correct bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CE1, CE2, and CE3, must remain inactive
for the duration of tZZREC after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
Second
Address
Third
Address
Fourth
Address
A1,A0
A1,A0
A1,A0
A1,A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
Second
Address
Third
Address
Fourth
Address
A1,A0
A1,A0
A1,A0
A1,A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max
Unit
IDDZZ
Sleep mode standby current
ZZ
> V
DD − 0.2V
100
mA
tZZS
Device operation to ZZ
ZZ
> V
DD − 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ
< 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns


Similar Part No. - CY7C1460AV25-200

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV25-200AXC CYPRESS-CY7C1460AV25-200AXC Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-200AXI CYPRESS-CY7C1460AV25-200AXI Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-200BZC CYPRESS-CY7C1460AV25-200BZC Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-200BZI CYPRESS-CY7C1460AV25-200BZI Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-200BZXC CYPRESS-CY7C1460AV25-200BZXC Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1460AV25-200

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474V33 CYPRESS-CY7C1474V33 Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com