Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72ALVCH16823PA Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72ALVCH16823PA
Description  3.3V CMOS 18-BIT BUS-INTERFACE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72ALVCH16823PA Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72ALVCH16823PA Datasheet HTML 1Page - Integrated Device Technology IDT72ALVCH16823PA Datasheet HTML 2Page - Integrated Device Technology IDT72ALVCH16823PA Datasheet HTML 3Page - Integrated Device Technology IDT72ALVCH16823PA Datasheet HTML 4Page - Integrated Device Technology IDT72ALVCH16823PA Datasheet HTML 5Page - Integrated Device Technology IDT72ALVCH16823PA Datasheet HTML 6Page - Integrated Device Technology IDT72ALVCH16823PA Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74ALVCH16823
3.3VCMOS18-BITBUS-INTERFACEFLIP-FLOPWITH3-STATEOUTPUTS
TSSOP
TOP VIEW
PIN CONFIGURATION
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
7
pF
COUT
Output Capacitance
VOUT = 0V
7
9
pF
COUT
I/O Port Capacitance
VIN = 0V
7
9
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
±50
mA
VI < 0 or VI > VCC
IOK
Continuous Clamp Current, VO < 0
–50
mA
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
1
CLR
1
OE
1
Q1
GND
1
Q2
1
Q3
VCC
1
Q4
1
Q5
GND
1
Q6
1
Q7
1
Q8
1
Q9
2
Q2
2
Q3
GND
2
Q4
2
Q5
2
Q6
VCC
2
Q7
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
48
49
50
51
52
53
54
55
56
1
1
CLK
1
CLKEN
1
D1
GND
1
D2
1
D3
VCC
1
D4
1
D5
1
D6
1
D7
1
D8
1
D9
GND
2
D2
2
D3
2
D4
2
D5
GND
2
D6
2
D7
2
D8
GND
2
Q9
2
OE
2
CLR
25
26
27
28
32
31
30
29
GND
2
D9
2
CLKEN
2
CLK
2
Q1
2
Q8
VCC
2
D1
FUNCTION TABLE (EACH 9-BITFLIP-FLOP)(1)
NOTES:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High Impedance
↑ = LOW-to-HIGH transition
2. Output level before the indicated steady-state input conditions were established.
Inputs
Output
xOE
xCLR
xCLKEN
xCLK
xDx
xQx
L
L
XXX
L
LH
L
HH
LH
L
LL
LH
L
L
X
Q
0
(2)
LH
H
X
X
Q
0
(2)
H
X
XXX
Z
Pin Names
Description
xDx
Data Inputs(1)
xCLK
Clock Input
xCLKEN
Clock Enable Inputs
xQx
3-State Outputs
xOE
3-State Output Enable Inputs
xCLR
Clear Inputs
PIN DESCRIPTION
NOTE:
1. These pins have "Bus-Hold". All other pins are standard inputs, outputs, or I/Os.


Similar Part No. - IDT72ALVCH16823PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7200L IDT-IDT7200L Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7200L ETC2-IDT7200L Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7200L IDT-IDT7200L Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results

Similar Description - IDT72ALVCH16823PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCHR16501 IDT-IDT74ALVCHR16501 Datasheet
74Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR16601 IDT-IDT74ALVCHR16601 Datasheet
72Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16501 IDT-IDT74ALVCH16501 Datasheet
82Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCH162374 IDT-IDT74ALVCH162374 Datasheet
72Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH16245 IDT-IDT74ALVCH16245 Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com