Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1460AV25 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1460AV25
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460AV25 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1460AV25 Datasheet HTML 1Page - Cypress Semiconductor CY7C1460AV25 Datasheet HTML 2Page - Cypress Semiconductor CY7C1460AV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C1460AV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1460AV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1460AV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1460AV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1460AV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1460AV25 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PRELIMINARY
CY7C1462AV25
CY7C1464AV25
CY7C1460AV25
Document #: 38-05354 Rev. *A
Page 4 of 27
Pin Configurations (continued)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC/288M
NC
DQPc
DQc
DQPd
NC
DQd
A
CE1
BWb
CE3
BWc
CEN
A
CE2
DQc
DQd
DQd
MODE
NC
DQc
DQc
DQd
DQd
DQd
NC/72M
VDDQ
BWd
BWa
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQc
VSS
DQc
VSS
DQc
DQc
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQd
DQd
NC
NC
VDDQ
VSS
TMS
89
10
11
NC
A
A
ADV/LD
NC
OE
A
A
NC/144M
VSS
VDDQ
NC
DQPb
VDDQ
VDD
DQb
DQb
DQb
NC
DQb
NC
DQa
DQa
VDD
VDDQ
VDD
VDDQ
DQb
VDD
NC
VDD
DQa
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQa
VDDQ
A
A
VSS
A
A
A
DQb
DQb
DQb
ZZ
DQa
DQa
DQPa
DQa
A
VDDQ
A
2
3
4
567
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC/288M
NC
NC
NC
DQPb
NC
DQb
A
CE1
CE3
BWb
CEN
A
CE2
NC
DQb
DQb
MODE
NC
DQb
DQb
NC
NC
NC
NC/72M
VDDQ
BWa
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQb
VSS
NC
VSS
DQb
NC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQb
NC
NC
NC
VDDQ
VSS
TMS
89
10
11
NC
A
A
ADV/LD
NC/144M
A
OE
A
A
VSS
VDDQ
NC
DQPa
VDDQ
VDD
NC
DQa
DQa
NC
NC
NC
DQa
NC
VDD
VDDQ
VDD
VDDQ
DQa
VDD
NC
VDD
NC
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
A
A
A
DQa
NC
NC
ZZ
DQa
NC
NC
DQa
A
VDDQ
A
CY7C1462AV25 (2 Mbit × 18)
CY7C1460AV25 (1 Mbit × 36)
165-Ball fBGA Pinout
A
A
NC
NC


Similar Part No. - CY7C1460AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167AXC CYPRESS-CY7C1460AV25-167AXC Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167AXI CYPRESS-CY7C1460AV25-167AXI Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167BZC CYPRESS-CY7C1460AV25-167BZC Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167BZI CYPRESS-CY7C1460AV25-167BZI Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1460AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474V33 CYPRESS-CY7C1474V33 Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com