Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT60ALVCH16823PA Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT60ALVCH16823PA
Description  3.3V CMOS 18-BIT BUS-INTERFACE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT60ALVCH16823PA Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT60ALVCH16823PA Datasheet HTML 1Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 2Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 3Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 4Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 5Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 6Page - Integrated Device Technology IDT60ALVCH16823PA Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH16823
3.3VCMOS18-BITBUS-INTERFACEFLIP-FLOPWITH3-STATEOUTPUTS
5
SWITCHING CHARACTERISTICS(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fMAX
150
150
150
MHz
tPLH
PropagationDelay
1
5.8
5.2
1
4.5
ns
tPHL
xCLK to xQx
tPLH
PropagationDelay
1
5.4
5.2
1.2
4.6
ns
tPHL
xCLR to xQx
tPZH
OutputEnableTime
1
6
5.7
1
4.8
ns
tPZL
xOE to xQx
tPHZ
OutputDisableTime
1.1
5.4
4.7
1.3
4.5
ns
tPLZ
xOE to xQx
tW
Pulse Duration, xCLR LOW
3.3
3.3
3.3
ns
tW
Pulse Duration, xCLK HIGH or LOW
3.3
3.3
3.3
ns
tSU
Set-upTime, xCLRinactive
0.7
0.7
0.8
ns
tSU
Set-up Time, data LOW before xCLK
1.4
1.6
1.3
ns
tSU
Set-up Time, data HIGH before xCLK
1.1
1.1
1
ns
tSU
Set-up Time, xCLKEN LOW before xCLK
1.8
1.9
1.5
ns
tH
Hold Time, data LOW after xCLK
0.4
0.5
0.5
ns
tH
Hold Time, data HIGH after xCLK
0.7
0.1
0.8
ns
tH
Hold Time, xCLKEN LOW after CLK
0.2
0.3
0.4
ns
tSK(O)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2
Skew between any two outputs of the same package and switching in the same direction.


Similar Part No. - IDT60ALVCH16823PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT60LVC162374APA IDT-IDT60LVC162374APA Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT60LVC162374APF IDT-IDT60LVC162374APF Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT60LVC162374APV IDT-IDT60LVC162374APV Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT60LVCR2245APG IDT-IDT60LVCR2245APG Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT60LVCR2245APY IDT-IDT60LVCR2245APY Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results

Similar Description - IDT60ALVCH16823PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCHR16501 IDT-IDT74ALVCHR16501 Datasheet
74Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR16601 IDT-IDT74ALVCHR16601 Datasheet
72Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16501 IDT-IDT74ALVCH16501 Datasheet
82Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCH162374 IDT-IDT74ALVCH162374 Datasheet
72Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH16245 IDT-IDT74ALVCH16245 Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com