Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC856W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC856W
Description  PNP general purpose transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC856W Datasheet(HTML) 2 Page - NXP Semiconductors

  BC856W Datasheet HTML 1Page - NXP Semiconductors BC856W Datasheet HTML 2Page - NXP Semiconductors BC856W Datasheet HTML 3Page - NXP Semiconductors BC856W Datasheet HTML 4Page - NXP Semiconductors BC856W Datasheet HTML 5Page - NXP Semiconductors BC856W Datasheet HTML 6Page - NXP Semiconductors BC856W Datasheet HTML 7Page - NXP Semiconductors BC856W Datasheet HTML 8Page - NXP Semiconductors BC856W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Apr 12
2
Philips Semiconductors
Product specification
PNP general purpose transistors
BC856W; BC857W
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 80)
• S-mini package.
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
PNP transistor in a plastic SOT323 package.
NPN complements: BC846W and BC847W.
MARKING
Note
1.
∗ = - : Made in Hong Kong.
∗ = t : Made in Malaysia.
TYPE
NUMBER
MARKING
CODE(1)
TYPE
NUMBER
MARKING
CODE(1)
BC856W
3D
BC857AW
3E
BC856AW
3A
BC857BW
3F
BC856BW
3B
BC857CW
3G
BC857W
3H
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SOT323) and symbol.
handbook, halfpage
MAM048
Top view
2
1
3
2
3
1


Similar Part No. - BC856W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC856W KEC-BC856W Datasheet
248Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
NXP Semiconductors
BC856W NXP-BC856W Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
logo
Nexperia B.V. All right...
BC856W NEXPERIA-BC856W Datasheet
236Kb / 11P
   PNP general purpose transistors
2002 Feb 04
logo
Infineon Technologies A...
BC856W INFINEON-BC856W Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Continental Device Indi...
BC856W CDIL-BC856W Datasheet
376Kb / 4P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC856W

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com