Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR332-513AE Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # DR332-513AE
Description  Surface Mount Data Line Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

DR332-513AE Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  DR332-513AE Datasheet HTML 1Page - Bourns Electronic Solutions DR332-513AE Datasheet HTML 2Page - Bourns Electronic Solutions DR332-513AE Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
DR332 Series Surface Mount Data Line Chokes
REV. 05/05
Impedance vs. Frequency
10
100
1000
10000
100000
0.1
1
10
100
1000
Frequency (MHz)
-475BE
-105BE
-513AE
-253AE
-113BE
-474BE
-104AE
Insertion Loss vs. Frequency
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
Frequency (MHz)
-475BE
-105BE
-474BE
-104AE
-513AE
-253AE
-113BE
100
1000
1
10
100
1000
10000
Frequency (MHz)
-513BE
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0.1
1
10
100
1000
Frequency (MHz)
-513BE
Solder Profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time
(Seconds)
<1> Max. of 70 seconds > 200 °C
<2> Max. of 50 seconds > 230 °C
<3> Max. of 10 seconds > 255 °C
230 °C
<1>
255 °C
<2>
<3>
245 °C
260 °C
120 - 150 seconds
Ramp-up
4 °/second maximum
Ramp-down
5 °C/second maximum


Similar Part No. - DR332-513AE

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR332-1-105C DATATRONICS-DR332-1-105C Datasheet
151Kb / 1P
   DATA LINE Low Profile SMD CHOKE
DR332-1-113C DATATRONICS-DR332-1-113C Datasheet
151Kb / 1P
   DATA LINE Low Profile SMD CHOKE
DR332-1-225C DATATRONICS-DR332-1-225C Datasheet
151Kb / 1P
   DATA LINE Low Profile SMD CHOKE
DR332-1-253C DATATRONICS-DR332-1-253C Datasheet
151Kb / 1P
   DATA LINE Low Profile SMD CHOKE
DR332-1-253D DATATRONICS-DR332-1-253D Datasheet
151Kb / 1P
   DATA LINE Low Profile SMD CHOKE
More results

Similar Description - DR332-513AE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
DR221 BOURNS-DR221 Datasheet
219Kb / 2P
   Surface Mount Data Line Chokes
DR221 BOURNS-DR221_11 Datasheet
108Kb / 2P
   Surface Mount Data Line Chokes
DR331 BOURNS-DR331_12 Datasheet
283Kb / 3P
   Surface Mount Data Line Chokes
DR331 BOURNS-DR331 Datasheet
252Kb / 3P
   Surface Mount Data Line Chokes
logo
Central Technologies
CTDR0904F CT-CTDR0904F Datasheet
223Kb / 2P
   Data Line Chokes
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com