Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1107BF130BQ Datasheet(PDF) 1 Page - E-SWITCH

Part # TL1107BF130BQ
Description  TACT SWITCHES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1107BF130BQ Datasheet(HTML) 1 Page - E-SWITCH

  TL1107BF130BQ Datasheet HTML 1Page - E-SWITCH TL1107BF130BQ Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SERIES TL SWITCHES
86
TACT SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
HOW TO ORDER
SPECIFICATIONS
Rating:
50mA@50 VDC
Electrical Life:
100,000 cycles
Contact Resistance:
100m
Ω max., typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000
Ω min.
Dielectric Strength:
>1,000 V rms at sea level
Operating Force:
130 ± 50 gf, 180± 50 gf, 260 ± 50 gf
MATERIALS
Housing:
4/6 Nylon
Actuator:
4/6 Nylon
Cover:
Stainless steel
Contacts:
Silver or Gold Stainless steel
Terminals:
Silver or Gold plated brass
Model No.
Series
Actuator
("L" Dimension)
Operating
Force
Contact
Material
Termination
TL
TL
1107
A=4.3mm
B=5.0mm
F130
F180
F260
Q=Silver
R=Gold
TL
1107
A
F130
E
Q
EXAMPLE
B=Straight lead
E=Reverse lead
W=Side retention lead
C=Base retention lead
TL1107A
4.3mm
TL1107B
5.0mm
Model No.
‘L’ Dim.
Operating
Force
F130 = 130 ± 50gf
F180 = 180 ± 50gf
F260 = 260 ± 50gf
OPERATING FORCE
ACTUATOR LENGTH (L)
PP 080-089 Tact.qxd
5/7/02
10:48 AM
Page 86


Similar Part No. - TL1107BF130BQ

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1107BF130BQ E-SWITCH-TL1107BF130BQ Datasheet
375Kb / 2P
   TACT SWITCHES - Rectangular
More results

Similar Description - TL1107BF130BQ

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
   TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
   Tact switches
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
   TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
   TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
   TACT SWITCHES
TP617 HIGHLY-TP617 Datasheet
823Kb / 2P
   TACT SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com