Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0603-FW8252E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CR0603-FW8252E
Description  Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0603-FW8252E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CR0603-FW8252E Datasheet HTML 1Page - Bourns Electronic Solutions CR0603-FW8252E Datasheet HTML 2Page - Bourns Electronic Solutions CR0603-FW8252E Datasheet HTML 3Page - Bourns Electronic Solutions CR0603-FW8252E Datasheet HTML 4Page - Bourns Electronic Solutions CR0603-FW8252E Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CR0603/CR0805/CR1206 - Chip Resistors
Electrical Characteristics
Characteristic Data
Dimensional Drawing
Derating Curve
DIMENSIONS ARE:
MM
(INCHES)
Features
Lead free version available (see How to
Order “Termination” options)
RoHS compliant*
Power rating at 70 °C: CR0603 - 0.10 W,
CR0805 - 0.125 W, CR1206 - 0.25 W
Tight tolerances of bottom electrode
width
Three layer contacting process with
nickel barrier prevents leaching and
provides excellent solderability
Suitable for all types of soldering
processes
Paper tape on reel for automatic
placement
Characteristic
Model
Model
Model
CR0603
CR0805
CR1206
Power Rating @ 70 °C
1/10 W
1/8 W
1/4 W
Operating Temperature Range
-55 °C to +125 °C
Derated to 0 Load at
+125 °C
Maximum Working Voltage
50 V
100 V
200 V
Maximum Overload Voltage
100 V
200 V
400 V
Resistance Range: 1 %, E-96 + E-24
10 ohms - 1 megohm
Resistance Range: 5 %, E-24
1 ohms - 10 megohms
Zero Ohm Jumper <0.01 ohms
Temperature Coefficient
Special value on request
1 %: ±100 ppm/°C
5 %: ±200 ppm/°C
1 ohm - 10 ohms: -200 ppm/°C to +500 ppm/°C
L
H
I
2
I
2
W
I
1
I
1
Overcoat
Resistor (Ru02
)
(Jumper chip is
a conductor)
Alumina Substrate
Internal Electrode (Ag-Pd)
Secondary Electrode (Nickel Plated)
External Electrode
(see Part Numbering - may be
ordered as solder-plated
or tin-plated)
Chip Dimensions
Dimension
Model
Model
Model
CR0603
CR0805
CR1206
L
1.60±0.10
2.00±0.15
3.20±0.25
(0.063±0.004)
(0.079±0.006)
(0.126±0.010)
W
0.80±0.10
1.25±0.15
1.60±0.15
(0.031±0.004)
(0.049±0.006)
(0.063±0.006)
H
0.45±0.10
0.50±0.10
0.60±0.15
(0.018±0.004)
(0.020±0.004)
(0.024±0.006)
I1
0.30±0.20
0.40±0.20
0.50±0.25
(0.012±0.008)
(0.016±0.008)
(0.020±0.010)
I2
0.30±0.20
0.40±0.20
0.50±0.20
(0.012±0.008)
(0.016±0.008)
(0.020±0.010)
3.0
2.0
1.0
0
10
100
1K
10K 100K 1M
Load Life 1000Hr
∆ R/R
(%)
3.0
2.0
1.0
0
10
100
1K
10K 100K 1M
Moisture Load Life 1000Hr
∆ R/R
(%)
Resistance Value (Ω)
Resistance Value (Ω)
1.0
0.5
0
-0.5
10
100
1K
10K 100K 1M
Short Time Overload
∆ R/R
(%)
Resistance Value (Ω)
100
80
60
40
20
0
-55
0
70
125
(°C) Ambient temperature
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.


Similar Part No. - CR0603-FW8252E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603-FW-1003ELF BOURNS-CR0603-FW-1003ELF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0603-FW-1003EPF BOURNS-CR0603-FW-1003EPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR0603-FW-1003GLF BOURNS-CR0603-FW-1003GLF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0603-FW-1003GPF BOURNS-CR0603-FW-1003GPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR0603-FW-8252EAS BOURNS-CR0603-FW-8252EAS Datasheet
260Kb / 5P
   Chip Resistors
More results

Similar Description - CR0603-FW8252E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
CRL0603 BOURNS-CRL0603 Datasheet
124Kb / 1P
   Chip Resistors
CR2010 BOURNS-CR2010_08 Datasheet
230Kb / 2P
   Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
287Kb / 2P
   Chip Resistors
CR0201-LF BOURNS-CR0201-LF Datasheet
294Kb / 2P
   Chip Resistors
CR1206-FX-3301ELF BOURNS-CR1206-FX-3301ELF Datasheet
218Kb / 5P
   Chip Resistors
CRL2010 BOURNS-CRL2010 Datasheet
124Kb / 1P
   Chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com