Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0603-JX8252ELF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CR0603-JX8252ELF
Description  Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0603-JX8252ELF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CR0603-JX8252ELF Datasheet HTML 1Page - Bourns Electronic Solutions CR0603-JX8252ELF Datasheet HTML 2Page - Bourns Electronic Solutions CR0603-JX8252ELF Datasheet HTML 3Page - Bourns Electronic Solutions CR0603-JX8252ELF Datasheet HTML 4Page - Bourns Electronic Solutions CR0603-JX8252ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Soldering Profile for Lead Free Chip Resistors and Arrays
CR0603/CR0805/CR1206 - Chip Resistors
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
3 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>
Series
A
B
CR0603
1.9 ± 0.2
1.1 ± 0.2
(.075 ± .008)
(.043 ± .008)
CR0805
2.4 ± 0.2
1.65 ± 0.2
(.094 ± .008)
(.065 ± .008)
CR1206
3.57 ± 0.2
2.00 ± 0.2
(.161 ± .008)
(.079 ± .008)
Packaging Dimensions (Conforms to EIA RS-481A)
Marking on reel: Part number, quantity, resistance value and tolerance, date code.
1.5 +0.1/-0
(.056 + .004/-0)
Maximum 1 mm (.040) thick
*Cumulative tolerance over 10 holes: ±0.2 mm
1.75 ± 0.1
(.059 ± .004)
B
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.05
(.079 ± .002)
A
8.0 ± 0.2
(.315 ± .008)
3.5 ± 0.05
(.138 ± .002)
4.0 ± 0.1
(.157 ± .004)
20.5
(.807)
13.0 ± 0.5
(.512 ± .020)
2.0
(.080)
1.0 ± 0.2
(.040 ± .020)
10.0 ± 1.5
(.394 ± .059)
80.0 ± 1.0
(3.150 ± .040)
178.0 ± 2.0
(7.008 ± .080)


Similar Part No. - CR0603-JX8252ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603-JX-1003ELF BOURNS-CR0603-JX-1003ELF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0603-JX-1003EPF BOURNS-CR0603-JX-1003EPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR0603-JX-1003GLF BOURNS-CR0603-JX-1003GLF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0603-JX-1003GPF BOURNS-CR0603-JX-1003GPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR0603-JX-8252EAS BOURNS-CR0603-JX-8252EAS Datasheet
260Kb / 5P
   Chip Resistors
More results

Similar Description - CR0603-JX8252ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
CRL0603 BOURNS-CRL0603 Datasheet
124Kb / 1P
   Chip Resistors
CR2010 BOURNS-CR2010_08 Datasheet
230Kb / 2P
   Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
287Kb / 2P
   Chip Resistors
CR0201-LF BOURNS-CR0201-LF Datasheet
294Kb / 2P
   Chip Resistors
CR1206-FX-3301ELF BOURNS-CR1206-FX-3301ELF Datasheet
218Kb / 5P
   Chip Resistors
CRL2010 BOURNS-CRL2010 Datasheet
124Kb / 1P
   Chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com