Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500ASSP1M6Q Datasheet(PDF) 1 Page - E-SWITCH

Part # 500ASSP1M6Q
Description  SUB-MINIATURE SLIDE SWITCHES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

500ASSP1M6Q Datasheet(HTML) 1 Page - E-SWITCH

  500ASSP1M6Q Datasheet HTML 1Page - E-SWITCH 500ASSP1M6Q Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUB-MINIATURE SLIDE SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
HOW TO ORDER
SERIES 500A SWITCHES
SPECIFICATIONS
Ratings:
3 A @ 120 VAC
1 A @ 250 VAC
Electrical Life:
50,000 make-and-break cycles at full load
Contact Resistance:
10 m
Ω max. typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000M
Ω min.
Dielectric Strength:
1,000 V rms at sea level
Operating Temperature:
-30°C to 85°C
MATERIALS
Case:
Diallyl phthalate (DAP)
Housing:
Stainless steel
Slide Handle:
Nylon
Contact & Terminals:
Gold or Silver plated copper alloy
Series
Model No.
500A
Termination
Contact Material
500A
SSP1
SSP3
M2
M6
Q=Silver
R=Gold
500A
SSP1
M2
R
EXAMPLE
171
PP 167-189 Slides.qxd
5/8/02
10:06 AM
Page 171


Similar Part No. - 500ASSP1M6Q

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500ASSP1M6QE E-SWITCH-500ASSP1M6QE Datasheet
210Kb / 2P
   SLIDE SWITCHES - SUB-MINIATURE
More results

Similar Description - 500ASSP1M6Q

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
   Sub-Miniature Slide Switches
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
   Sub-Miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
   Sub-Miniature Slide Switches
20 Jul 21
JS-SERIES CK-COMPONENTS-JS-SERIES Datasheet
2Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
JS202011AQN CK-COMPONENTS-JS202011AQN Datasheet
302Kb / 6P
   Sub-Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A_1 Datasheet
210Kb / 2P
   SLIDE SWITCHES - SUB-MINIATURE
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com